Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
37
June 4, 2010
Operating Modes and System Clocks
Present day applications require that their
microcontrollers have high performance but often still
demand that they consume as little power as possible,
conflicting requirements that are especially true in bat-
tery powered portable applications. The fast clocks re-
quired for high performance will by their nature increase
current consumption and of course vice-versa, lower
speed clocks reduce current consumption. As Holtek
has provided these devices with both high and low
speed clock sources and the means to switch between
them dynamically, the user can optimise the operation of
their microcontroller to achieve the best perfor-
mance/power ratio.
System Clocks
The device has many different clock sources for both
the CPU and peripheral function operation. By providing
the user with a wide range of clock options using config-
uration options and register programming, a clock sys-
tem can be configured to obtain maximum application
performance.
The main system clock, can come from either a high fre-
quency, fH, or low frequency, fL, source, and is selected
using the HLCLK bit and CKS2~CKS0 bits in the SMOD
register. The high speed system clock can be sourced
from either an HXT, ERC or HIRC oscillator, selected via
a configuration option. The low speed system clock
source can be sourced from internal clock fL.IffL is se-
lected then it can be sourced by either the LXT or LIRC
oscillators, selected via a configuration option. The
other choice, which is a divided version of the high
speed system oscillator has a range of fH/2~fH/64.
There are two additional internal clocks for the periph-
eral circuits, the substitute clock, fSUB, and the Time
Base clock, fTBC. Each of these internal clocks are
sourced by either the LXT or LIRC oscillators, selected
via configuration options. The fSUB clock is used to pro-
vide a substitute clock for the microcontroller just after a
wake-up has occurred to enable faster wake-up times.
fTBC
fSYS/4
TBCK
fSUB
fSYS/4
fTB
fS
Configuration Option
Time Base
WDT
HXT
ERC
HIRC
LIRC
LXT
6-stage Prescaler
High Speed Oscillation
Low Speed Oscillation
Low Speed Oscillation
Configuration Option
High Speed Oscillation
Configuration Option
fH
fH/2
fH/4
fH/8
fH/16
fH/32
fH/64
fL
HLCLK,
CKS2~CKS0 bits
Fast Wake-up from SLEEP Mode or
IDLE Mode Control (for HXT only)
fSYS
fSUB
System Clock Configurations
Note:
When the system clock source fSYS is switched to fL from fH, the high speed oscillation will stop to conserve the
power. Thus there is no fH~fH/64 for peripheral circuit to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com