Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 200 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 200 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 204Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
200
June 4, 2010
· UART transmitter
Data word lengths of either 8 or 9 bits can be selected
by programming the BNO bit in the UCR1 register.
When BNO bit is set, the word length will be set to 9
bits. In this case the 9th bit, which is the MSB, needs
to be stored in the TX8 bit in the UCR1 register. At the
transmitter core lies the Transmitter Shift Register,
more commonly known as the TSR, whose data is ob-
tained from the transmit data register, which is known
as the TXR register. The data to be transmitted is
loaded into this TXR register by the application pro-
gram. The TSR register is not written to with new data
until the stop bit from the previous transmission has
been sent out. As soon as this stop bit has been trans-
mitted, the TSR can then be loaded with new data
from the TXR register, if it is available. It should be
noted that the TSR register, unlike many other regis-
ters, is not directly mapped into the Data Memory area
and as such is not available to the application program
for direct read/write operations. An actual transmis-
sion of data will normally be enabled when the TXEN
bit is set, but the data will not be transmitted until the
TXR register has been loaded with data and the baud
rate generator has defined a shift clock source. How-
ever, the transmission can also be initiated by first
loading data into the TXR register, after which the
TXEN bit can be set. When a transmission of data be-
gins, the TSR is normally empty, in which case a
transfer to the TXR register will result in an immediate
transfer to the TSR. If during a transmission the TXEN
bit is cleared, the transmission will immediately cease
and the transmitter will be reset. The TX output pin will
then return to the high impedance state.
· Transmitting data
When the UART is transmitting data, the data is
shifted on the TX pin from the shift register, with the
least significant bit LSB first. In the transmit mode, the
TXR register forms a buffer between the internal bus
and the transmitter shift register. It should be noted
that if 9-bit data format has been selected, then the
MSB will be taken from the TX8 bit in the UCR1 regis-
ter. The steps to initiate a data transfer can be sum-
marized as follows:
¨ Make the correct selection of the BNO, PRT, PREN
and STOPS bits to define the required word length,
parity type and number of stop bits.
¨ Setup the BRG register to select the desired baud
rate.
¨ Set the TXEN bit to ensure that the UART transmit-
ter is enabled and the TX pin is used as a UART
transmitter pin.
¨ Access the USR register and write the data that is to
be transmitted into the TXR register. Note that this
step will clear the TXIF bit.
This sequence of events can now be repeated to send
additional data.
It should be noted that when TXIF=0, data will be in-
hibited from being written to the TXR register. Clear-
ing the TXIF flag is always achieved using the
following software sequence:
1. A USR register access
2. A TXR register write execution
The read-only TXIF flag is set by the UART hardware
and if set indicates that the TXR register is empty and
that other data can now be written into the TXR regis-
ter without overwriting the previous data. If the TEIE
bit is set, then the TXIF flag will generate an interrupt.
During a data transmission, a write instruction to the
TXR register will place the data into the TXR register,
which will be copied to the shift register at the end of
the present transmission. When there is no data
transmission in progress, a write instruction to the
TXR register will place the data directly into the shift
register, resulting in the commencement of data trans-
mission, and the TXIF bit being immediately set.
When a frame transmission is complete, which hap-
pens after stop bits are sent or after the break frame,
the TIDLE bit will be set. To clear the TIDLE bit the fol-
lowing software sequence is used:
1. A USR register access
2. A TXR register write execution
Note that both the TXIF and TIDLE bits are cleared by
the same software sequence.
· Transmitting break
If the TXBRK bit is set, then the break characters will
be sent on the next transmission. Break character
transmission consists of a start bit, followed by 13
´N
²0² bits, where N=1, 2, etc. if a break character is to be
transmitted, then the TXBRK bit must be first set by
the application program and then cleared to generate
the stop bits. Transmitting a break character will not
generate a transmit interrupt. Note that a break condi-
tion length is at least 13 bits long. If the TXBRK bit is
continually kept at a logic high level, then the transmit-
ter circuitry will transmit continuous break characters.
After the application program has cleared the TXBRK
bit, the transmitter will finish transmitting the last break
character and subsequently send out one or two stop
bits. The automatic logic high at the end of the last
break character will ensure that the start bit of the next
frame is recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com