Electronic Components Datasheet Search
  English  ▼

X  

MAX834 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX834
Description  Micropower, Latching Voltage Monitors in SOT23-5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX834 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX834 Datasheet HTML 1Page - Maxim Integrated Products MAX834 Datasheet HTML 2Page - Maxim Integrated Products MAX834 Datasheet HTML 3Page - Maxim Integrated Products MAX834 Datasheet HTML 4Page - Maxim Integrated Products MAX834 Datasheet HTML 5Page - Maxim Integrated Products MAX834 Datasheet HTML 6Page - Maxim Integrated Products MAX834 Datasheet HTML 7Page - Maxim Integrated Products MAX834 Datasheet HTML 8Page - Maxim Integrated Products MAX834 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micropower, Latching Voltage Monitors
in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +11V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT (MAX834), CLEAR to GND ....................-0.3V to +12V
IN, OUT (MAX835) to GND.........................-0.3V to (VCC + 0.3V)
INPUT Current
VCC ................................................................................20mA
IN....................................................................................10mA
OUT Current.......................................................................-20mA
VCC Rate of Rise .............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/C above +70°C) .............571mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
Range (Note 1)
VCC
2.5
11.0
V
TA = +25°C
2.4
5
VCC = 3.6V
TA = TMIN to TMAX
10
VIN = 1.6V, OUT =
low, VCLEAR
≥
VCC - 0.25V or
VCLEAR
≤ 0.25V
VCC = full operating range
15
TA = +25°C
1.1
4
VCC = 3.6V
TA = TMIN to TMAX
8
Supply Current
(Note 2)
ICC
VIN = 1.25V, OUT
= high, VCLEAR
≥
VCC - 0.25V or
VCLEAR
≤ 0.25V
VCC = full operating range
13
µA
TA = +25°C
1.185
1.204
1.215
Threshold Voltage
VTH
VIN falling
TA = 0°C to +70°C
1.169
1.204
1.231
V
Threshold Voltage
Hysteresis
VHYST
VCC = 5V, IN = low to high
6
mV
IN Operating Voltage
Range (Note 1)
VIN
0VCC - 1
V
IN Leakage Current
(Note 3)
IIN
VIN = VTH
±3
±12
nA
Propagation Delay
tPL
VCC = 5V, 50mV overdrive
80
µs
Glitch Immunity
VCC = 5V, 100mV overdrive
35
µs
OUT Rise Time
tRT
VCC = 5V, no load (MAX835 only)
200
ns
OUT Fall Time
tFT
VCC = 5V, no load (MAX834 pullup = 10k
Ω)
480
ns
Output Leakage
Current (Note 4)
ILOUT
VIN > VTH(MAX) (MAX834 only)
±1
µA
Output-Voltage High
VOH
VIN > VTH(MAX), ISOURCE = 500µA (MAX835 only)
VCC -
0.5
V
Output-Voltage Low
VOL
VIN < VTH(MIN), ISINK = 500µA
0.4
V
CLEAR Input High
Voltage
VCIH
2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com