Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
78
June 4, 2010
TM Input/Output Pin Control Registers
Selecting to have a TM input/output or whether to retain its other shared function, is implemented using one or two reg-
isters, with a single bit in each register corresponding to a TM input/output pin. Setting the bit high will setup the corre-
sponding pin as a TM input/output, if reset to zero the pin will retain its original other function.
Registers
Device
Bit
7654
3
2
1
0
TMPC0
HT66F20
¾¾
T1CP1
T1CP0
¾¾
¾
T0CP0
TMPC0
HT66F30
T1ACP0
¾
T1BCP1
T1BCP0
¾¾
T0CP1
T0CP0
TMPC0
HT66F40
HT66F50
HT66F60
T1ACP0
T1BCP2
T1BCP1
T1BCP0
¾¾
T0CP1
T0CP0
TMPC1
HT66F40
¾¾¾¾
¾
¾
T2CP1
T2CP0
TMPC1
HT66F50
HT66F60
¾¾
T3CP1
T3CP0
¾¾
T2CP1
T2CP0
TM Input/Output Pin Control Registers List
P A 0 / T P 0 _ 0
P A 0 O u t p u t F u n c t i o n
T 0 C P 0
0
1
P A 2 / T C K 0
O u t p u t
T C K I n p u t
T M 0
( C T M )
P C 0 O u t p u t F u n c t i o n
0
1
P C 0
1
0
O u t p u t
C a p t u r e I n p u t
P A 4 / T C K 1
T C K I n p u t
1
0
T M 1
( S T M )
P C 0 / T P 1 _ 1
T 1 C P 1
T 1 C P 1
P A 1 O u t p u t F u n c t i o n
0
1
P A 1
1
0
1
0
P A 1 / T P 1 _ 0
T 1 C P 0
T 1 C P 0
HT66F20 TM Function Pin Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com