Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 199 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 199 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 203Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
199
June 4, 2010
UART Module Setup and Control
For data transfer, the UART function utilizes a
non-return-to-zero, more commonly known as NRZ, for-
mat. This is composed of one start bit, eight or nine data
bits and one or two stop bits. Parity is supported by the
UART hardware and can be setup to be even, odd or no
parity. For the most common data format, 8 data bits
along with no parity and one stop bit, denoted as 8, N, 1,
is used as the default setting, which is the setting at
power-on. The number of data bits and stop bits, along
with the parity, are setup by programming the corre-
sponding BNO, PRT, PREN and STOPS bits in the
UCR1 register. The baud rate used to transmit and re-
ceive data is setup using the internal 8-bit baud rate
generator, while the data is transmitted and received
LSB first. Although the transmitter and receiver of the
UART are functionally independent, they both use the
same data format and baud rate. In all cases stop bits
will be used for data transmission.
· Enabling/Disabling the UART
The basic on/off function of the internal UART function
is controlled using the UARTEN bit in the UCR1 regis-
ter. If the UARTEN, TXEN and RXEN bits are set, then
these two UART pins will act as normal TX output pin
and RX input pin respectively. If no data is being trans-
mitted on the TX pin, then it will default to a logic high
value.
Clearing the UARTEN bit will disable the TX and RX
pins and these two pins will be in the state of high im-
pedance. When the UART function is disabled, the
buffer will be reset to an empty condition, at the same
time discarding any remaining residual data. Dis-
abling the UART will also reset the enable control, the
error and status flags with bits TXEN, RXEN, TXBRK,
RXIF, OERR, FERR, PERR and NF being cleared
while bits TIDLE, TXIF and RIDLE will be set. The re-
maining control bits in the UCR1, UCR2 and BRG reg-
isters will remain unaffected. If the UARTEN bit in the
UCR1 register is cleared while the UART is active,
then all pending transmissions and receptions will be
immediately suspended and the UART will be reset to
a condition as defined above. If the UART is then sub-
sequently re-enabled, it will restart again in the same
configuration.
· Data, parity and stop bit selection
The format of the data to be transferred is composed
of various factors such as data bit length, parity on/off,
parity type, address bits and the number of stop bits.
These factors are determined by the setup of various
bits within the UCR1 register. The BNO bit controls the
number of data bits which can be set to either 8 or 9.
The PRT bit controls the choice if odd or even parity.
The PREN bit controls the parity on/off function. The
STOPS bit decides whether one or two stop bits are to
be used. The following table shows various formats
for data transmission. The address detect mode con-
trol bit identifies the frame as an address character.
The number of stop bits, which can be either one or
two, is independent of the data length.
Start
Bit
Data
Bits
Address
Bits
Parity
Bits
Stop
Bit
Example of 8-bit Data Formats
18001
17011
17101
Example of 9-bit Data Formats
19001
18011
18101
Transmitter Receiver Data Format
The following diagram shows the transmit and receive
waveforms for both 8-bit and 9-bit data formats.
S t a r t B i t
B i t 0
B i t 1
B i t 2
B i t 3
B i t 4
B i t 5
B i t 6
B i t 7
S t o p B i t
N e x t
S t a r t
B i t
P a r i t y B i t
8 - B i t D a t a F o r m a t
S t a r t B i t
B i t 0
B i t 1
B i t 2
B i t 3
B i t 4
B i t 5
B i t 6
B i t 7
S t o p B i t
N e x t
S t a r t
B i t
P a r i t y B i t
9 - B i t D a t a F o r m a t
B i t 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com