Electronic Components Datasheet Search
  English  ▼

X  

MAX6629 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6629
Description  12-Bit Sign Digital Temperature Sensors with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6629 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6629 Datasheet HTML 1Page - Maxim Integrated Products MAX6629 Datasheet HTML 2Page - Maxim Integrated Products MAX6629 Datasheet HTML 3Page - Maxim Integrated Products MAX6629 Datasheet HTML 4Page - Maxim Integrated Products MAX6629 Datasheet HTML 5Page - Maxim Integrated Products MAX6629 Datasheet HTML 6Page - Maxim Integrated Products MAX6629 Datasheet HTML 7Page - Maxim Integrated Products MAX6629 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
12-Bit + Sign Digital Temperature Sensors
with Serial Interface
6
_______________________________________________________________________________________
finish. CS’s falling edge stops any conversion in
progress, and data is latched into the shift register.
Then the data clocks out at SO on SCK’s falling edge
with the sign bit (D15) first, followed by the MSB. Data
is sent in one 16-bit word, and CS must remain low until
all 16 bits are transferred. If CS goes high in the middle
of a transmission, it is necessary to wait the conversion
time (less than 300ms) before attempting a new read.
The serial data is composed of 12 + 1 data bits
(D15–D3) and 3 trailing bits (D2–D0). D2 is always low,
serving as the confirmation bit that the device has been
communicated with. The last 2 bits, D0 and D1, are
undefined and are always in high-impedance mode
(Table 1). The power-up state for SO is high imped-
ance. Figure 3 shows the detailed serial timing specifi-
cations for the SPI port. The temperature data format is
in two's complement format (Table 2).
Power Shutdown Mode
The MAX6629–MAX6632 do not have a built-in power
software shutdown mode. However, a power shutdown
mode is easily implemented utilizing an unused logic
gate. A typical CMOS or TTL logic output has enough
drive capability to serve as the power source if its out-
put voltage level exceeds 3V, as shown in Figure 1.
Drive the logic output low to provide a hardware shut-
down mode.
Idle Mode
The MAX6629–MAX6632 can be put into idle mode by
pulling CS low. Data can be clocked out when the
device is in idle mode.
Power-On Reset (POR)
The POR supply voltage of the MAX6629–MAX6632 is
typically 1.6V. Below this supply voltage, the interface
is inactive and the data register is set to the POR state,
0°C.
When power is first applied and VCC rises above 1.6V
(typ), the device starts to convert, although temperature
reading is not recommended at VCC levels below 3.0V.
Figure 3. SPI Timing Diagram
D15
D0
D1
D2
D3
SCK
SO
tDV
tCSS
tDO
CS
tTR
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
MSB
Data
LSB
Data
Low
High-Z
High-Z
Table 1. Data Output Format
Table 2. Temperature Data Format
(Two’s Complement)
DIGITAL OUTPUT (BINARY)
TEMPERATURE
(°C)
D15–D3
D2
D1, D0
150
0,1001,0110,0000
0
XX
125
0,0111,1101,0000
0
XX
25
0,0001,1001,0000
0
XX
0.0625
0,0000,0000,0001
0
XX
0
0,0000,0000,0000
0
XX
-0.0625
1,1111,1111,1111
0
XX
-25
1,1110,0111,0000
0
XX
-55
1,1100,1001,0000
0
XX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com