Electronic Components Datasheet Search
  English  ▼

X  

MAX13430E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13430E
Description  RS-485 Transceivers with Low-Voltage Logic Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13430E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13430E Datasheet HTML 1Page - Maxim Integrated Products MAX13430E Datasheet HTML 2Page - Maxim Integrated Products MAX13430E Datasheet HTML 3Page - Maxim Integrated Products MAX13430E Datasheet HTML 4Page - Maxim Integrated Products MAX13430E Datasheet HTML 5Page - Maxim Integrated Products MAX13430E Datasheet HTML 6Page - Maxim Integrated Products MAX13430E Datasheet HTML 7Page - Maxim Integrated Products MAX13430E Datasheet HTML 8Page - Maxim Integrated Products MAX13430E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, VL = +1.8V to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are VCC = +5V, VL = +1.8V at
TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.
(All voltages referenced to GND.)
Supply Voltage (VCC) ...............................................-0.3V to +6V
Logic Supply Voltage (VL ) ......................................-0.3V to +6V
Control Input Voltage (RE) .............................-0.3V to (VL+0.3V)
Control Input Voltage (DE) ......................................-0.3V to +6V
Driver Input Voltage (DI) ..........................................-0.3V to +6V
Driver Output Voltage (Y, Z, A, B) ............................-8V to +13V
Receiver Input Voltage (A, B)
(MAX13430E/MAX13431E)....................................-8V to +13V
Receiver Input Voltage (A, B)
(MAX13432E/MAX13433E)..................................-25V to +25V
Receiver Output Voltage (RO) .....................-0.3V to (VL + 0.3V)
Driver Output Current ....................................................±250mA
Short-Circuit Duration (RO, A, B) to GND .................Continuous
Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 8.8mW/°C above +70°C) ..........707mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) ......1951mW
14-Pin TDFN (derate 24.4mW/°C above +70°C) ......1951mW
14-Pin SO (derate 11.9mW/°C above +70°C) .............952mW
Junction-to-Ambient Thermal Resistance (
ΘJA) (Note 1)
10-Pin µMAX ...........................................................113.1°C/W
10-Pin TDFN .................................................................41°C/W
14-Pin TDFN ................................................................41°C/W
14-Pin SO ....................................................................84°C/W
Junction-to-Ambient Thermal Resistance (
ΘJC) (Note 1)
10-Pin µMAX ................................................................42°C/W
10-Pin TDFN ...................................................................9°C/W
14-Pin TDFN ..................................................................8°C/W
14-Pin SO ....................................................................34°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VCC Supply-Voltage Range
VCC
3
5.5
V
VL Supply-Voltage Range
VL
1.62
VCC
V
ICC Supply Current
ICC
DE = RE = high, no load
DE = RE = low, no load
DE = high, RE = low, no load
2mA
ICC Supply Current in Shutdown
Mode
ISHDN
DE = low, RE = high, no load
10
µA
VL Supply Current
IL
RO = no load
1
µA
DRIVER
RL = 100
Ω, VCC = +3V
2
VCC
RL = 54
Ω, VCC = +3V
1.5
VCC
RL = 100
Ω, VCC = +4.5V
2.25
VCC
Differential Driver Output
(Figure 1)
VOD
RL = 54
Ω, VCC = +4.5V
2.25
VCC
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
RL = 100
Ω or 54Ω, Figure 1 (Note 4)
0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 100
Ω or 54Ω, Figure 1
VCC/2
3
V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
RL = 100
Ω or 54Ω, Figure 1 (Note 4)
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com