Electronic Components Datasheet Search
  English  ▼

X  

TUSB9260ZAW Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB9260ZAW
Description  USB 3.0 TO SATA BRIDGE Data Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260ZAW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB9260ZAW Datasheet HTML 5Page - Texas Instruments TUSB9260ZAW Datasheet HTML 6Page - Texas Instruments TUSB9260ZAW Datasheet HTML 7Page - Texas Instruments TUSB9260ZAW Datasheet HTML 8Page - Texas Instruments TUSB9260ZAW Datasheet HTML 9Page - Texas Instruments TUSB9260ZAW Datasheet HTML 10Page - Texas Instruments TUSB9260ZAW Datasheet HTML 11Page - Texas Instruments TUSB9260ZAW Datasheet HTML 12Page - Texas Instruments TUSB9260ZAW Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TUSB9260
www.ti.com
SLLS962 – DECEMBER 2009
Table 2-4. Serial peripheral Interface (SPI) signals
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SPI_SCLK
I/O
SPI clock
SPI_MOSI
I/O
SPI master out, slave in
SPI_MISO
I/O
SPI master in, slave out
SPI_CS0
I/O
Primary SPI chip select for Flash RAM
SPI_CS[2:1]/
SPI chip select. SPCI chip selects for additional peripherals. When not used for SPI chip selects
I/O
they may be used as general purpose I/O.
GPIO[11:10]
Table 2-5. Test and Miscellaneous Signals
TERMINAL
I/O
DESCRIPTION
NAME
No.
JTAG_TCK
I/O
JTAG test clock
JTAG_TDI
I/O
JTAG test data in
JTAG_TDO
I/O
JTAG test data out
JTAG_TMS
I/O
JTAG test mode select
JTAG_RSTN
I/O
JTAG reset
GPIO/UART transmitter. This terminal can be configured as a GPIO or as the transmitter for a UART
GPIO9/UART_TX
I/O
channel. This pin defaults to a general purpose output.
GPIO/UART receiver. This terminal can be configured as a GPIO or as the receiver for a UART
GPIO8/UART_RX
I/O
channel. This pin defaults to a general purpose output.
GPIO[7:0]
I/O
GPIO input/outputs. These pins are configurable as general purpose input/outputs.
PWM[1:0]
I/O
PWM input/outputs. These pins provide PWM capabilities for example to drive status LEDs.
Table 2-6. Power Signals
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VDD33
PWR
3.3 V power rail
VDDA
PWR
1.1 V analog power rail
VDD18
PWR
1.8 V power rail
VDD11
PWR
1.1 V power rail
VSS
PWR
Ground, digital
VSSOSC
PWR
Oscillator return
Copyright © 2009, Texas Instruments Incorporated
Overview
11
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com