Electronic Components Datasheet Search
  English  ▼

X  

AMT203-2000 Datasheet(PDF) 1 Page - CUI INC

Part # AMT203-2000
Description  12 BIT ABSOLUTE ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203-2000 Datasheet(HTML) 1 Page - CUI INC

  AMT203-2000 Datasheet HTML 1Page - CUI INC AMT203-2000 Datasheet HTML 2Page - CUI INC AMT203-2000 Datasheet HTML 3Page - CUI INC AMT203-2000 Datasheet HTML 4Page - CUI INC AMT203-2000 Datasheet HTML 5Page - CUI INC AMT203-2000 Datasheet HTML 6Page - CUI INC AMT203-2000 Datasheet HTML 7Page - CUI INC AMT203-2000 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date
page
04/2010
1 of 8
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
This encoder is a 12 bit absolute rotational encoder with SPI serial bus for working as a slave to an external
microprocessor. Incremental A,B and Index signals are provided for high speed operation. The Index is one pulse
per 22.5 degree (16 index per turn).
The encoder contains two channels of a capacitive encoder: a Fine channel and a Coarse channel. The Fine channel
has 16 wavelengths of a periodic capacitive pattern, while the Coarse channel has 5 wavelengths. Each channel has
its own ASIC that interpolates to a resolution of 256 increments per wavelength. A microprocessor on the encoder
PCB is combining the two channels for a position reading that is absolute over a full turn with 12 bit resolution.
ELECTRONIC SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
power supply
2.7
5
5.5
V
current consumption
810
mA
output resolution
1024
ppr
incremental output signals
A, B, Z phase
incremental output waveform
square wave
incremental outputs
output voltage - sourcing to +5 V @ -32 mA
output voltage - sinking to ground @ -32 mA
3.8
0.55
V
V
index output
one index pulse per 1/16 turn
SPI output
natural binary
SPI bus
PIC 16F690 (see datasheet)
SPI resolution
12
bit
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
output range
360
deg
SPI speed
8000
RPM
mounting hole options
A) 2 each M1.6 holes on 16 mm (0.63”) bolt circle
B) 2 each #4 holes on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 holes on 20 mm (0.787”) bolt
circle
D) 3 each M1.6 or M2 holes on 20.9 mm (0.823”)
bolt circle
E) 3 each M1.6 or M2 holes on 22 mm (0.866”) bolt
circle
F) 4 each M1.6 or M2 holes on 25.4 mm (1”) bolt
circle
G) 2 each #4 holes on 15.75 mm (0.62”) x 20.96
(0.825”) hole layout*
H) 2 each #4 holes on 32.43 mm (1.277”) bolt circle*
I) 2 each #4 holes on 46.03 mm (1.812”) bolt circle*
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-25
85
°C
storage temperature
-40
100
°C
humidity
85
%RH
vibration
1.5mm, 3 directions, 2 hours
10
55
Hz


Similar Part No. - AMT203-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203-0096-2000 CUI-AMT203-0096-2000 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
AMT203-0096-3000 CUI-AMT203-0096-3000 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
AMT203-0096-3175 CUI-AMT203-0096-3175 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
AMT203-0096-4000 CUI-AMT203-0096-4000 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
AMT203-0096-4760 CUI-AMT203-0096-4760 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT203-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
12 BIT ABSOLUTE ENCODER
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
IC-Haus GmbH
IC-MHM ICHAUS-IC-MHM Datasheet
2Mb / 63P
14-BIT ABSOLUTE ANGLE HALL ENCODER
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com