Electronic Components Datasheet Search
  English  ▼

X  

GF15M Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GF15M
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF15M Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GF15M Datasheet HTML 1Page - Zowie Technology Corporation GF15M Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
GF15A THRU GF15M
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
MECHANICAL DATA
Case : JEDEC DO-214AA molded plastic over passivated chip
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.003 ounes , 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current TA=75
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.5 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Typical junction capacitance (NOTE 1)
Typical thermal resistance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
CJ
R JA
R JL
TJ,TSTG
GF15
A
B
D
G
J
K
M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
1.5
50
1.0
5
30
80
15
53
16
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
o
C / W
o
C
Zowie Technology Corporation
REV. : 0
DO-214AA
*Dimensions in inches and (millimeters)
PATEN
TED
PATEN
TED
0.150(3.80)
0.130(3.30)
0.102(2.60)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.016(0.40)
0.006(0.15)
0.187(4.75)
0.167(4.24)
0.083(2.12)
0.077(1.95)
0.236(6.00)
0.197(5.00)
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Ideal for surface mount automotive applications
* Built-in strain relief
* Easy pick an place
* High temperature soldering guaranteed: 260
o
C/10 seconds,
at terminals
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
TM


Similar Part No. - GF15M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
Excellent slump resistance
GF1500LV ETC2-GF1500LV Datasheet
343Kb / 2P
Ultra-conforming, with excellent wet-out
logo
Shenzhen Luguang Electr...
GF15N65SS LUGUANG-GF15N65SS Datasheet
4Mb / 9P
650V/15A Trench and Field Stop IGBT
Revision:20240722-P1
GF15N65T2 LUGUANG-GF15N65T2 Datasheet
1Mb / 10P
650V /15A Trench Field Stop IGBT
Revision:20240122-P1
GF15N65TS1 LUGUANG-GF15N65TS1 Datasheet
2Mb / 8P
650V/15A NPT IGBTS
Revision:20231116-P1
More results

Similar Description - GF15M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD17Z ZOWIE-BYD17Z Datasheet
83Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com