Electronic Components Datasheet Search
  English  ▼

X  

GP20D Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GP20D
Description  SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GP20D Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GP20D Datasheet HTML 1Page - Zowie Technology Corporation GP20D Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
GP20A THRU GP20M
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* 2.0 Amperes operation at TA=55
o
C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-204AC molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.015 ounes , 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=55
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Typical junction capacitance (NOTE 1)
Typical thermal resistance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
CJ
R JA
R JL
TJ,TSTG
GP20
A
B
D
G
J
K
M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
2.0
65
1.0
5
30
80
25
25
10
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
o
C / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
Zowie Technology Corporation
REV. : 0
DO-204AC
*Dimensions in inches and (millimeters)
0.140(3.6)
0.034(0.86)
0.028(0.71)
0.104(2.6)
DIA.
DIA.
PATEN
TED
PATEN
TED
TM


Similar Part No. - GP20D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP20D GE-GP20D Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP20D MCC-GP20D Datasheet
80Kb / 3P
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
GP20D TSC-GP20D Datasheet
67Kb / 2P
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
TAITRON Components Inco...
GP20D TAITRON-GP20D Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
logo
Shanghai Lunsure Electr...
GP20D CHENYI-GP20D Datasheet
47Kb / 3P
2.0Amp glass passivated junction rectifiers 50to1000 volts
More results

Similar Description - GP20D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10AH ZOWIE-GP10AH Datasheet
103Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30AH ZOWIE-GP30AH Datasheet
838Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com