Electronic Components Datasheet Search
  English  ▼

X  

24FC1025 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24FC1025
Description  1024K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC1025 Datasheet(HTML) 1 Page - Microchip Technology

  24FC1025 Datasheet HTML 1Page - Microchip Technology 24FC1025 Datasheet HTML 2Page - Microchip Technology 24FC1025 Datasheet HTML 3Page - Microchip Technology 24FC1025 Datasheet HTML 4Page - Microchip Technology 24FC1025 Datasheet HTML 5Page - Microchip Technology 24FC1025 Datasheet HTML 6Page - Microchip Technology 24FC1025 Datasheet HTML 7Page - Microchip Technology 24FC1025 Datasheet HTML 8Page - Microchip Technology 24FC1025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2010 Microchip Technology Inc.
DS21941G-page 1
24AA1025/24LC1025/24FC1025
Device Selection Table:
Features:
• Low-Power CMOS Technology:
- Read current 450
A, maximum
- Standby current 5
A, maximum
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Four Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC Versions
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• 128-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >400V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIJ and SOIC
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40
C to +85C
- Automotive (E): -40
C to +125C
Description:
The Microchip Technology Inc. 24AA1025/24LC1025/
24FC1025 (24XX1025*) is a 128K x 8 (1024K bit)
Serial
Electrically
Erasable
PROM,
capable
of
operation across a broad voltage range (1.7V to 5.5V).
It has been developed for advanced, low-power
applications such as personal communications or data
acquisition. This device has both byte write and page
write capability of up to 128 bytes of data.
This device is capable of both random and sequential
reads. Reads may be sequential within address
boundaries 0000h to FFFFh and 10000h to 1FFFFh.
Functional address lines allow up to four devices on the
same data bus. This allows for up to 4 Mbits total
system EEPROM memory. This device is available in
the standard 8-pin PDIP, SOIC and SOIJ packages.
Package Type
Block Diagram
*24XX1025 is used in this document as a generic part number
for the 24AA1025/24LC1025/24FC1025 devices.
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA1025
1.7-5.5V
400 kHz†
I
24LC1025
2.5-5.5V
400 kHz*
I, E
24FC1025
1.8-5.5V
1 MHz‡
I
†100 kHz for VCC < 2.5V
*100 kHz for VCC < 4.5V, E-temp
‡400 kHz for VCC < 2.5V
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
SOIJ/SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense AMP
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1
SDA
SCL
VCC
VSS
WP
1024K I2C™ CMOS Serial EEPROM


Similar Part No. - 24FC1025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC1025 MICROCHIP-24FC1025 Datasheet
365Kb / 24P
1024K I2C??CMOS Serial EEPROM
2008
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C??CMOS Serial EEPROM
2011
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C Serial EEPROM
11/29/11
24FC1025-E/P MICROCHIP-24FC1025-E/P Datasheet
366Kb / 22P
1024K I2C??CMOS Serial EEPROM
2007
More results

Similar Description - 24FC1025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
1024K I2C??CMOS Serial EEPROM
2007
24AA1025 MICROCHIP-24AA1025_08 Datasheet
365Kb / 24P
1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025_11 Datasheet
447Kb / 28P
1024K I2C??CMOS Serial EEPROM
2011
24LC1025-IP MICROCHIP-24LC1025-IP Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
2005-2012
24LC1025-I-SM MICROCHIP-24LC1025-I-SM Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
2005-2012
24AA1025 MICROCHIP-24AA1025_12 Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24AA1026 MICROCHIP-24AA1026_12 Datasheet
586Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24FC1025T-ISM MICROCHIP-24FC1025T-ISM Datasheet
447Kb / 28P
1024K I2C Serial EEPROM
11/29/11
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
1024K I2C Serial EEPROM
07/14/15
24AA1025 MICROCHIP-24AA1025_13 Datasheet
653Kb / 28P
1024K I2C Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com