Electronic Components Datasheet Search
  English  ▼

X  

11LC010-EP Datasheet(PDF) 17 Page - Microchip Technology

Part # 11LC010-EP
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010-EP Datasheet(HTML) 17 Page - Microchip Technology

Back Button 11LC010-EP Datasheet HTML 13Page - Microchip Technology 11LC010-EP Datasheet HTML 14Page - Microchip Technology 11LC010-EP Datasheet HTML 15Page - Microchip Technology 11LC010-EP Datasheet HTML 16Page - Microchip Technology 11LC010-EP Datasheet HTML 17Page - Microchip Technology 11LC010-EP Datasheet HTML 18Page - Microchip Technology 11LC010-EP Datasheet HTML 19Page - Microchip Technology 11LC010-EP Datasheet HTML 20Page - Microchip Technology 11LC010-EP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 17
11AAXXX/11LCXXX
5.0
DATA PROTECTION
The following protection has been implemented to
prevent inadvertent writes to the array:
• The Write Enable Latch (WEL) is reset on power-
up
•A Write Enable (
WREN) instruction must be issued
to set the write enable latch
• After a write, ERAL, SETAL, or WRSR command,
the write enable latch is reset
• Commands to access the array or write to the
status register are ignored during an internal write
cycle and programming is not affected
6.0
POWER-ON STATE
The 11XX powers on in the following state:
• The device is in low-power Shutdown mode,
requiring a low-to-high transition on SCIO to enter
Idle mode
• The Write Enable Latch (WEL) is reset
• The internal Address Pointer is undefined
• A low-to-high transition, standby pulse and subse-
quent high-to-low transition on SCIO (the first low
pulse of the header) are required to enter the
active state
.
TABLE 6-1:
WRITE PROTECT FUNCTIONALITY MATRIX
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
Protected
Protected
Protected
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com