Electronic Components Datasheet Search
  English  ▼

X  

25LC512 Datasheet(PDF) 19 Page - Microchip Technology

Part # 25LC512
Description  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 25LC512 Datasheet HTML 15Page - Microchip Technology 25LC512 Datasheet HTML 16Page - Microchip Technology 25LC512 Datasheet HTML 17Page - Microchip Technology 25LC512 Datasheet HTML 18Page - Microchip Technology 25LC512 Datasheet HTML 19Page - Microchip Technology 25LC512 Datasheet HTML 20Page - Microchip Technology 25LC512 Datasheet HTML 21Page - Microchip Technology 25LC512 Datasheet HTML 22Page - Microchip Technology 25LC512 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2010 Microchip Technology Inc.
DS22065C-page 19
25LC512
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
However, a programming cycle which is already
initiated or in progress will be completed, regardless of
the CS input signal. If CS is brought high during a
program cycle, the device will go into Standby mode as
soon as the programming cycle is complete. When the
device is deselected, SO goes to the high-impedance
state, allowing multiple parts to share the same SPI
bus. A low-to-high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a low level on CS is required prior to any sequence
being initiated.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the 25LC512.
During a read cycle, data is shifted out on this pin after
the falling edge of the serial clock.
3.3
Write-Protect (WP)
This pin is used in conjunction with the WPEN bit in the
STATUS register to prohibit writes to the nonvolatile
bits in the STATUS register. When WP is low and
WPEN is high, writing to the nonvolatile bits in the
STATUS register is disabled. All other operations
function normally. When WP is high, all functions,
including writes to the nonvolatile bits in the STATUS
register, operate normally. If the WPEN bit is set, WP
low during a STATUS register write sequence will
disable writing to the STATUS register. If an internal
write cycle has already begun, WP going low will have
no effect on the write.
The WP pin function is blocked when the WPEN bit in
the STATUS register is low. This allows the user to
install the 25LC512 in a system with WP pin grounded
and still be able to write to the STATUS register. The
WP pin functions will be enabled when the WPEN bit is
set high.
3.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses and data. Data is
latched on the rising edge of the serial clock.
3.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25LC512. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
3.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25LC512 while in the middle of a serial sequence with-
out having to re-transmit the entire sequence over
again. It must be held high any time this function is not
being used. Once the device is selected and a serial
sequence is underway, the HOLD pin may be pulled
low to pause further serial communication without
resetting the serial sequence.
The HOLD pin should be brought low while SCK is low,
otherwise the HOLD function will not be invoked until
the next SCK high-to-low transition. The 25LC512 must
remain selected during this sequence. The SI and SCK
levels are “don’t cares” during the time the device is
paused and any transitions on these pins will be
ignored. To resume serial communication, HOLD
should be brought high while the SCK pin is low, other-
wise serial communication will not be resumed until the
next SCK high-to-low transition.
The SO line will tri-state immediately upon a high-to-
low transition of the HOLD pin, and will begin outputting
again immediately upon a subsequent low-to-high
transition of the HOLD pin, independent of the state of
SCK.
Name
Pin Number
Function
CS
1
Chip Select Input
SO
2
Serial Data Output
WP
3
Write-Protect Pin
VSS
4
Ground
SI
5
Serial Data Input
SCK
6
Serial Clock Input
HOLD
7
Hold Input
VCC
8
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com