Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # HER201
Description  HIGH EFFICIENCY RECITIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

HER201 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  HER201 Datasheet HTML 1Page - Zowie Technology Corporation HER201 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201 THRU HER208
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
* The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High current surge
* High reliability
Case : JEDEC DO-204AC molded plastic
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.015 ounes , 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=50
oC
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
oC
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
I(AV)
IFSM
VF
IR
trr
CJ
TJ,TSTG
HER201 HER202 HER203 HER204 HER205 HER206 HER207
50
100
200
300
400
600
800
2.0
60
1.3
1.0
1.7
5.0
50
75
30
20
-65 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
HER208
1000
700
1000
Volts
Volts
Maximum Full Load Reverse Current Full Cycle
average, 0.375" (9.5mm) lead length at TL=55
oC
IR(AV)
100
uA
Amps
Amps
uA
nS
pF
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
Zowie Technology Corporation
REV. : 0
DO-204AC
*Dimensions in inches and (millimeters)
0.140(3.6)
0.034(0.86)
0.028(0.71)
0.104(2.6)
DIA.
DIA.


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER201 CHENYI-HER201 Datasheet
155Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA267 SSDI-SDA267 Datasheet
179Kb / 2P
10 AMP RECITIFIER ASSEMBLY
SDA18A SSDI-SDA18A Datasheet
215Kb / 2P
35 AMP RECITIFIER ASSEMBLY
SDA35UF SSDI-SDA35UF Datasheet
213Kb / 2P
14 AMP RECITIFIER ASSEMBLY
logo
Silicon Standard Corp.
MBR1030CT SSC-MBR1030CT Datasheet
160Kb / 2P
Schottky Barrier Recitifier
logo
Gaomi Xinghe Electronic...
SR0630 GXELECTRONICS-SR0630 Datasheet
322Kb / 2P
SCHOTTKY BARRIER RECITIFIER
logo
Powerex Power Semicondu...
R6031222PSYA POWEREX-R6031222PSYA Datasheet
273Kb / 2P
Fast Recovery Recitifier
logo
Solid States Devices, I...
RH0145 SSDI-RH0145 Datasheet
229Kb / 2P
RECITIFIER
logo
Nanjing International G...
SRF15200CT-15A-ITO-220AB DGNJDZ-SRF15200CT-15A-ITO-220AB Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECITIFIER
logo
Shindengen Electric Mfg...
D3FE60 SHINDENGEN-D3FE60 Datasheet
261Kb / 4P
Recitifier Diode
logo
HY ELECTRONIC CORP.
MBR1030CT HY-MBR1030CT_V01 Datasheet
443Kb / 3P
Schottky Barrier Recitifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com