Electronic Components Datasheet Search
  English  ▼

X  

AR1000 Datasheet(PDF) 9 Page - Microchip Technology

Part # AR1000
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1000 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AR1000 Datasheet HTML 5Page - Microchip Technology AR1000 Datasheet HTML 6Page - Microchip Technology AR1000 Datasheet HTML 7Page - Microchip Technology AR1000 Datasheet HTML 8Page - Microchip Technology AR1000 Datasheet HTML 9Page - Microchip Technology AR1000 Datasheet HTML 10Page - Microchip Technology AR1000 Datasheet HTML 11Page - Microchip Technology AR1000 Datasheet HTML 12Page - Microchip Technology AR1000 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 5
7.3
4, 5, 8-Wire Sensor Selection
The desired sensor type of 4/8-Wire or 5-Wire is hardware selectable using pin M2.
Type
M2 pin
4/8-wire
VSS
5-wire
VDD
Table 4 : 4/8-wire vs 5-wire Selection
If 4/8-wire has been hardware selected, then the choice of 4-wire or 8-wire is software selectable, via the
TouchOptions
configuration register. When 4/8-Wire is hardware selected, the controller defaults to 4-wire
operation. If 8-wire operation is desired, then the TouchOptions configuration register must be changed.
7.4
4-wire Touch Sensor Interface
Sensor tail pin-outs can vary by manufacturer and part number. Ensure both sensor tail pins for one sensor axis
(layer) are connected to the controller’s X–/X+ pins and the tail pins for the other sensor axis (layer) are
connected to the controller’s Y–/Y+ pins. The controller’s X–/X+ and Y–/Y+ pin pairs do not need to connect to a
specific sensor axis. The orientation of controller pins X– and X+ to the two sides of a given sensor axis is not
important. Likewise, the orientation of controller pins Y– and Y+ to the two sides of the other sensor axis is not
important.
Connections to a 4-wire touch sensor are as follows.
Figure 4 : 4-wire Touch Sensor Interface
Tie unused controller pins 5WSX-, SX+, SY-, and SY+ to VSS.
The capacitance of alternate ESD diodes may adversely affect touch performance. A lower
capacitance is better. The PESD5V0S1BA parts shown in the reference design have a typical
capacitance of 35pF. Test to ensure that selected ESD protection does not degrade touch
performance.
ESD protection is shown in the reference design, but acceptable protection is dependent on your
specific application. Ensure your ESD solution meets your design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com