Electronic Components Datasheet Search
  English  ▼

X  

MCP1826 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1826
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1826 Datasheet HTML 4Page - Microchip Technology MCP1826 Datasheet HTML 5Page - Microchip Technology MCP1826 Datasheet HTML 6Page - Microchip Technology MCP1826 Datasheet HTML 7Page - Microchip Technology MCP1826 Datasheet HTML 8Page - Microchip Technology MCP1826 Datasheet HTML 9Page - Microchip Technology MCP1826 Datasheet HTML 10Page - Microchip Technology MCP1826 Datasheet HTML 11Page - Microchip Technology MCP1826 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP1826/MCP1826S
DS22057A-page 8
© 2007 Microchip Technology Inc.
Dropout Characteristics
Dropout Voltage
VDROPOUT
—
250
400
mV
Note 5, IOUT = 1000 mA,
VIN(MIN) =2.3V
Power Good Characteristics
PWRGD Input Voltage Operat-
ing Range
VPWRGD_VIN
1.0
—
6.0
V
TA = +25°C
1.2
—
6.0
TA = -40°C to +125°C
For VIN < 2.3V, ISINK = 100 µA
PWRGD Threshold Voltage
(Referenced to VOUT)
VPWRGD_TH
%VOUT Falling Edge
89
92
95
VOUT < 2.5V Fixed,
VOUT = Adj.
90
92
94
VOUT >= 2.5V Fixed
PWRGD Threshold Hysteresis
VPWRGD_HYS
1.0
2.0
3.0
%VOUT
PWRGD Output Voltage Low
VPWRGD_L
—0.2
0.4
VIPWRGD SINK = 1.2 mA,
ADJ = 0V
PWRGD Leakage
PWRGD_LK
—1
—
nA
VPWRGD = VIN = 6.0V
PWRGD Time Delay
TPG
—
125
—
µs
Rising Edge
RPULLUP = 10 kΩ
Detect Threshold to PWRGD
Active Time Delay
TVDET-PWRGD
—
200
—
µs
VOUT = VPWRGD_TH + 20 mV
to VPWRGD_TH - 20 mV
Shutdown Input
Logic High Input
VSHDN-HIGH
45
——
%VIN
VIN = 2.3V to 6.0V
Logic Low Input
VSHDN-LOW
——
15
%VIN
VIN = 2.3V to 6.0V
SHDN Input Leakage Current
SHDNILK
-0.1
±0.001
+0.1
µA
VIN =6V, SHDN =VIN,
SHDN = GND
AC Performance
Output Delay From SHDN
TOR
—
100
—
µs
SHDN = GND to VIN
VOUT = GND to 95% VR
Output Noise
eN
—2.0
—
µV/
√Hz IOUT = 200 mA, f = 1 kHz,
COUT = 10 µF (X7R Ceramic),
VOUT = 2.5V
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX), Note 1, VR=1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VOUT(MAX) + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above 150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com