Electronic Components Datasheet Search
  English  ▼

X  

MCP1826S Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1826S
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S Datasheet(HTML) 2 Page - Microchip Technology

  MCP1826S Datasheet HTML 1Page - Microchip Technology MCP1826S Datasheet HTML 2Page - Microchip Technology MCP1826S Datasheet HTML 3Page - Microchip Technology MCP1826S Datasheet HTML 4Page - Microchip Technology MCP1826S Datasheet HTML 5Page - Microchip Technology MCP1826S Datasheet HTML 6Page - Microchip Technology MCP1826S Datasheet HTML 7Page - Microchip Technology MCP1826S Datasheet HTML 8Page - Microchip Technology MCP1826S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MCP1826/MCP1826S
DS22057A-page 2
© 2007 Microchip Technology Inc.
Package Types
MCP1826
12
3
4
5
6
SOT-223-5
Pin
Fixed
Adjustable
1
SHDN
SHDN
2VIN
VIN
3
GND (TAB)
GND (TAB)
4VOUT
VOUT
5
PWRGD
ADJ
6
GND (TAB)
GND (TAB)
1
2
3
SOT-223-3
4
MCP1826S
Pin
1VIN
2
GND (TAB)
3VOUT
4
GND (TAB)
Fixed/Adjustable
DDPAK-3
DDPAK-5
TO-220-3
TO-220-5
12 3 4 5
12 3 4 5
123
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com