Electronic Components Datasheet Search
  English  ▼

X  

MCP2200 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2200 Datasheet HTML 26Page - Microchip Technology MCP2200 Datasheet HTML 27Page - Microchip Technology MCP2200 Datasheet HTML 28Page - Microchip Technology MCP2200 Datasheet HTML 29Page - Microchip Technology MCP2200 Datasheet HTML 30Page - Microchip Technology MCP2200 Datasheet HTML 31Page - Microchip Technology MCP2200 Datasheet HTML 32Page - Microchip Technology MCP2200 Datasheet HTML 33Page - Microchip Technology MCP2200 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2010 Microchip Technology Inc.
DS22228A-page 31
MCP2200
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP2200:
USB-to-UART serial converter
MCP2200T:
USB-to-UART serial converter (Tape and Reel)
Temperature Range
I
=
-40
C to +85C (Industrial)
Package
MQ
= Plastic Quad Flat, No Lead Package
5x5x0.9 mm Body (QFN), 20-Lead
SO
= Plastic Small Outline - Wide, 7.50 mm Body (SO),
20-Lead
SS
= Plastic Shrink Small Outline - 5.30 mm Body (SS)
20-Lead
Examples:
a)
MCP2200- I/MQ:
Industrial temperature,
20LD QFN Package.
b)
MCP2200T- I/MQ: Tape and Reel,
Industrial temperature,
20LD QFN Package.
a)
MCP2200- I/SO:
Industrial temperature,
20LD SOIC Package.
b)
MCP2200T- I/SO:
Tape and Reel,
Industrial temperature,
20LD SOIC Package.
a)
MCP2200- I/SS:
Industrial temperature,
20LD SSOP Package.
b)
MCP2200T- I/SS:
Tape and Reel,
Industrial temperature,
20LD SSOP Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com