Electronic Components Datasheet Search
  English  ▼

X  

MCP73114 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 15Page - Microchip Technology MCP73114 Datasheet HTML 16Page - Microchip Technology MCP73114 Datasheet HTML 17Page - Microchip Technology MCP73114 Datasheet HTML 18Page - Microchip Technology MCP73114 Datasheet HTML 19Page - Microchip Technology MCP73114 Datasheet HTML 20Page - Microchip Technology MCP73114 Datasheet HTML 21Page - Microchip Technology MCP73114 Datasheet HTML 22Page - Microchip Technology MCP73114 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2010 Microchip Technology Inc.
DS22183C-page 19
MCP73113/4
5.9
THERMAL REGULATION
The MCP73113/4 shall limit the charge current based
on the die temperature. The thermal regulation
optimizes the charge cycle time while maintaining
device reliability.
Figure 5-1 depicts the thermal
regulation for the MCP73113/4 device. Refer to
Section 1.0 “Electrical Characteristics” for thermal
package resistances and
Section 6.1.1.2 “Thermal
Considerations” for calculating power dissipation.
.
FIGURE 5-1:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
5.10
THERMAL SHUTDOWN
The
MCP73113/4
suspends
charge
if
the
die
temperature exceeds +150°C. Charging will resume
when
the
die
temperature
has
cooled
by
approximately 10°C. The thermal shutdown is a
secondary safety feature in the event that there is a
failure within the thermal regulation circuitry.
5.11
Status Indicator
The charge status outputs are open-drain outputs with
two different states: Low (L), and High Impedance
(Hi-Z). The charge status outputs can be used to
illuminate LEDs. Optionally, the charge status outputs
can be used as an interface to a host microcontroller.
Table 5-2 summarizes the state of the status outputs
during a charge cycle.
5.12
BATTERY SHORT PROTECTION
Once a single-cell Li-Ion battery is detected, an internal
battery short protection (BSP) circuit starts monitoring
the battery voltage. When VBAT falls below a typical
1.7V battery short protection threshold voltage, the
charging behavior is postponed. 25 mA (typical)
detection current is supplied for recovering from battery
short condition.
Preconditioning mode resumes when VBAT raises
above battery short protection threshold. The battery
voltage must rise approximately 150 mV above the
battery
short
protection
voltage
before
the
MCP73113/4 device becomes operational.
0
100
200
300
400
500
600
25 35 45 55 65 75 85 95 105 115 125 135 145
Junction Temperature (°C)
VDD = 5.2V
RPROG = 2 kΩ
TABLE 5-2:
STATUS OUTPUTS
CHARGE CYCLE STATE
STAT
Shutdown
Hi-Z
Standby
Hi-Z
Preconditioning
L
Constant Current Fast
Charge
L
Constant Voltage
L
Charge Complete - Standby
Hi-Z
Temperature Fault
1.6 second 50% D.C.
Flashing (Type2)
Hi-Z (Type 1)
Timer Fault
1.6 second 50% D.C.
Flashing (Type 2)
Hi-Z (Type 1)
Preconditioning Timer Fault
1.6 second 50% D.C.
Flashing (Type 2)
Hi-Z (Type 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com