Electronic Components Datasheet Search
  English  ▼

X  

PIC12F675 Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC12F675
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F675 Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC12F675 Datasheet HTML 89Page - Microchip Technology PIC12F675 Datasheet HTML 90Page - Microchip Technology PIC12F675 Datasheet HTML 91Page - Microchip Technology PIC12F675 Datasheet HTML 92Page - Microchip Technology PIC12F675 Datasheet HTML 93Page - Microchip Technology PIC12F675 Datasheet HTML 94Page - Microchip Technology PIC12F675 Datasheet HTML 95Page - Microchip Technology PIC12F675 Datasheet HTML 96Page - Microchip Technology PIC12F675 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 93
PIC12F629/675
12.6
DC Characteristics: PIC12F629/675-I (Industrial), PIC12F629/675-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
VSS
—
0.8
V
4.5V
 VDD  5.5V
D030A
VSS
—
0.15 VDD
VOtherwise
D031
with Schmitt Trigger buffer
VSS
—
0.2 VDD
V
Entire range
D032
MCLR, OSC1 (RC mode)
VSS
—
0.2 VDD
V
D033
OSC1 (XT and LP modes)
VSS
—
0.3
V
(Note 1)
D033A
OSC1 (HS mode)
VSS
—
0.3 VDD
V
(Note 1)
Input High Voltage
VIH
I/O ports
—
D040
D040A
with TTL buffer
2.0
(0.25 VDD
+0.8)
—
—
VDD
VDD
V
V
4.5V
 VDD 5.5V
otherwise
D041
with Schmitt Trigger buffer
0.8 VDD
—
VDD
entire range
D042
MCLR
0.8 VDD
—
VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
(Note 1)
D043A
OSC1 (HS mode)
0.7 VDD
—
VDD
V
(Note 1)
D043B
OSC1 (RC mode)
0.9 VDD
—
VDD
V
D070
IPUR GPIO Weak Pull-up Current
50*
250
400*
AVDD = 5.0V, VPIN = VSS
Input Leakage Current(3)
D060
IIL
I/O ports
—
01
1
AVSS VPIN VDD,
Pin at high-impedance
D060A
Analog inputs
—
01
1
AVSS VPIN VDD
D060B
VREF
—
01
1
AVSS VPIN VDD
D061
MCLR(2)
—
01
5
AVSS VPIN VDD
D063
OSC1
—
01
5
AVSS VPIN VDD, XT, HS and
LP osc configuration
Output Low Voltage
D080
VOL
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V (Ind.)
D083
OSC2/CLKOUT (RC mode)
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V (Ind.)
IOL = 1.2 mA, VDD = 4.5V (Ext.)
Output High Voltage
D090
VOH
I/O ports
VDD - 0.7
——
VIOH = -3.0 mA, VDD = 4.5V (Ind.)
D092
OSC2/CLKOUT (RC mode)
VDD - 0.7
——
VIOH = -1.3 mA, VDD = 4.5V (Ind.)
IOH = -1.0 mA, VDD = 4.5V (Ext.)
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use
an external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com