Electronic Components Datasheet Search
  English  ▼

X  

PIC16F526 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 63Page - Microchip Technology PIC16F526 Datasheet HTML 64Page - Microchip Technology PIC16F526 Datasheet HTML 65Page - Microchip Technology PIC16F526 Datasheet HTML 66Page - Microchip Technology PIC16F526 Datasheet HTML 67Page - Microchip Technology PIC16F526 Datasheet HTML 68Page - Microchip Technology PIC16F526 Datasheet HTML 69Page - Microchip Technology PIC16F526 Datasheet HTML 70Page - Microchip Technology PIC16F526 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 67
PIC16F526
FIGURE 10-3:
ANALOG INPUT MODE
TABLE 10-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR
Value on All
Other Resets
STATUS
RBWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
qq0q quuu
CM1CON0
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
q111 1111
quuu uuuu
CM2CON0
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF
C2PREF1
C2WU
q111 1111
quuu uuuu
TRIS
—
—
I/O Control Register (PORTB, PORTC)
--11 1111
--11 1111
Legend:
x = Unknown, u = Unchanged, – = Unimplemented, read as ‘0’, q = Depends on condition.
VA
RS < 10 K
AIN
CPIN
5pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±500 nA
VSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE
= Leakage Current at the Pin
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com