Electronic Components Datasheet Search
  English  ▼

X  

TPC8018 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8018
Description  High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8018 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8018 Datasheet HTML 1Page - Toshiba Semiconductor TPC8018 Datasheet HTML 2Page - Toshiba Semiconductor TPC8018 Datasheet HTML 3Page - Toshiba Semiconductor TPC8018 Datasheet HTML 4Page - Toshiba Semiconductor TPC8018 Datasheet HTML 5Page - Toshiba Semiconductor TPC8018 Datasheet HTML 6Page - Toshiba Semiconductor TPC8018 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8018-H
2006-11-16
4
Drain-source voltage VDS (V)
ID – VDS
Drain current ID (A)
RDS (ON) – ID
1
0.1
1
10
10
100
VGS = 10 V
100
4.5
Common source
Ta
= 25°C
Pulse test
Drain current ID (A)
⎪Yfs⎪ – ID
0.1
100
1000
0.1
1
25
100
Ta
= −55°C
10
10
1
Common source
VDS = 10 V
Pulse test
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
0
0
1
2
3
6
20
50
Ta
= −55°C
25
100
30
40
10
4
5
Common source
VDS = 10 V
Pulse test
Gate-source voltage VGS (V)
VDS – VGS
40
30
20
10
0
50
0
0.8
2
VGS = 2.8V
3.4
3.6
4
6
10
4.5
5
1.6
1.2
0.4
3
3.1
3.2
3.3
3.8
3.5
Common source
Ta
= 25°C Pulse test
20
12
8
0
16
4
0
0.2
0.4
0.6
0.8
VGS = 2.8V
2.9
3.1
3
6
3.5
8
10
1
3.3
3.2
4
4.5
Common source
Ta
= 25°C Pulse test
0
0.12
0.16
0.2
0
ID = 18 A
2
4
6
8
10
4.5
9
0.08
0.04
Common source
Ta
= 25°C
Pulse test
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com