Electronic Components Datasheet Search
  English  ▼

X  

TPC8115 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8115
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8115 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8115 Datasheet HTML 1Page - Toshiba Semiconductor TPC8115 Datasheet HTML 2Page - Toshiba Semiconductor TPC8115 Datasheet HTML 3Page - Toshiba Semiconductor TPC8115 Datasheet HTML 4Page - Toshiba Semiconductor TPC8115 Datasheet HTML 5Page - Toshiba Semiconductor TPC8115 Datasheet HTML 6Page - Toshiba Semiconductor TPC8115 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8115
2006-11-15
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
80
120
160
200
0
0.8
1.2
1.6
2
0.4
0
40
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)
(2)
0
−80
−40
0
40
120
160
80
5
20
25
ID = −2.5 / −5.0 / −10A
ID = −2.5 / −5.0 / −10A
VGS = −4.5 V
−1.8 A
Common source
Pulse test
15
0
−0.1
−1
−10
−100
0.2
0.4
0.6
0.8
1.0
VGS = 0 V
−1
−10
−5
−3
Common source
Ta
= 25°C
Pulse test
100
−0.1
−1
−10
−100
1000
10000
100000
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Crss
Coss
Ciss
−1.2
0
−80
−40
0
40
120
160
80
−0.4
−0.8
−1.6
−2
Common source
VDS = −10 V
ID = −1 mA
Pulse test
−6
−4
0
−2
0
−10
−20
−30
0
40
80
120
160
VDD = −16 V
VDS
VGS
VDD = −16V
−4
−4
−8
−8
Common source
ID = −10 A
Ta
= 25°C
Pulse test
10
VGS = −2.5 V
VGS = −1.8 V
−2.5 A
ID = −10 A
−5
−3
−1
−25
−15
−5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com