Electronic Components Datasheet Search
  English  ▼

X  

AN1043 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN1043
Description  Unique Features of the MCP23X08/17 GPIO Expanders
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1043 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN1043 Datasheet HTML 2Page - Microchip Technology AN1043 Datasheet HTML 3Page - Microchip Technology AN1043 Datasheet HTML 4Page - Microchip Technology AN1043 Datasheet HTML 5Page - Microchip Technology AN1043 Datasheet HTML 6Page - Microchip Technology AN1043 Datasheet HTML 7Page - Microchip Technology AN1043 Datasheet HTML 8Page - Microchip Technology AN1043 Datasheet HTML 9Page - Microchip Technology AN1043 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN1043
DS01043A-page 8
© 2006 Microchip Technology Inc.
HARDWARE ADDRESS PINS
Address pins are typically used on I2C devices to allow
multiple devices with the same base slave address to
operate on the bus.
Slave devices with SPI interfaces typically use only a
chip select pin to select the device. This requirement
consumes one MCU pin for every SPI device on the
bus.
The “S” devices (MCP23S08 and MCP23S17) have
SPI interfaces. These devices use a chip select for
selecting the part, however, these parts also have hard-
ware address pins, thereby giving the advantage of
attaching multiple devices on the bus while only
consuming one MCU pin for chip select (see Figure 9).
FIGURE 9:
ADDRESS PINS ON SPI DEVICES
SUMMARY
The MCP23X08/17 family of GPIO Expanders have
some unique features, giving the system and module
engineer maximum flexibility when designing with the
MCP23X08/17.
CS
SCK
SDI
SDO
SPI
A2
A1
A0
Addr
Pins
GPIO
Port
GP15
.
.
.
.
.
.
.
GP0
0 1 0 0 1
0
0
0 A
S
0 0 0 0 1
1
0
0 A
MCP23X17
Opcode
Register Addr
A2 A1 A0
MCP23S17
A1
A0
MCP23S08
GP7
.
.
.
GP0
MCP23S08



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com