Electronic Components Datasheet Search
  English  ▼

X  

PIC16F72X Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F72X
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72X Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F72X Datasheet HTML 1Page - Microchip Technology PIC16F72X Datasheet HTML 2Page - Microchip Technology PIC16F72X Datasheet HTML 3Page - Microchip Technology PIC16F72X Datasheet HTML 4Page - Microchip Technology PIC16F72X Datasheet HTML 5Page - Microchip Technology PIC16F72X Datasheet HTML 6Page - Microchip Technology PIC16F72X Datasheet HTML 7Page - Microchip Technology PIC16F72X Datasheet HTML 8Page - Microchip Technology PIC16F72X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 3
PIC16F72X/PIC16LF72X
Devices Included In This Data Sheet:
PIC16F72X Devices:
PIC16LF72X Devices:
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Up to 8K x 14 Words of Flash Program Memory
• Up to 368 Bytes of Data Memory (RAM)
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Read Access to Program Memory
• Pinout Compatible to other 28/40-pin PIC16CXXX
and PIC16FXXX Microcontrollers
Special Microcontroller Features:
• Precision Internal Oscillator:
- 16 MHz or 500 kHz operation
- Factory calibrated to ±1%, typical
- Software tunable
- Software selectable ÷1, ÷2, ÷4 or ÷8 divider
• 1.8V-5.5V Operation – PIC16F72X
• 1.8V-3.6V Operation – PIC16LF72X
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR):
- Selectable between two trip points
- Disable in Sleep option
• Programmable Code Protection
• In-Circuit Serial ProgrammingTM (ICSPTM) via Two
Pins
• Multiplexed Master Clear with Pull-up/Input Pin
• Industrial and Extended Temperature Range
• High-Endurance Flash Cell:
- 1,000 write Flash endurance (typical)
- Flash retention: > 40 years
• Power-Saving Sleep mode
Extreme Low-Power Management
PIC16LF72X with nanoWatt XLP:
• Sleep Mode: 20 nA
• Watchdog Timer: 500 nA
• Timer1 Oscillator: 600 nA @ 32 kHz
Analog Features:
• A/D Converter:
- 8-bit resolution and up to 14 channels
- Conversion available during Sleep
- Selectable 1.024/2.048/4.096V voltage
reference
• On-chip 3.2V Regulator (PIC16F72X devices only)
Peripheral Highlights:
• Up to 35 I/O Pins and 1 Input-only Pin:
- High-current source/sink for direct LED drive
- Interrupt-on-pin change
- Individually programmable weak pull-ups
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- Dedicated low-power 32 kHz oscillator
- 16-bit timer/counter with prescaler
- External Gate Input mode with toggle and
single shot modes
- Interrupt-on-gate completion
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture, Compare, PWM (CCP) Modules:
- 16-bit Capture, max. resolution 12.5 ns
- 16-bit Compare, max. resolution 200 ns
- 10-bit PWM, max. frequency 20 kHz
• Addressable Universal Synchronous
Asynchronous Receiver Transmitter (AUSART)
• Synchronous Serial Port (SSP):
- SPI (Master/Slave)
-I2CTM (Slave) with Address Mask
•mTouchTM Sensing Oscillator Module:
- Up to 16 input channels
• PIC16F722
• PIC16F726
• PIC16F723
• PIC16F727
•PIC16F724
• PIC16LF722
• PIC16LF726
• PIC16LF723
• PIC16LF727
• PIC16LF724
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com