Electronic Components Datasheet Search
  English  ▼

X  

AC162051 Datasheet(PDF) 1 Page - Microchip Technology

Part # AC162051
Description  MPLAB짰 ICD HEADER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162051 Datasheet(HTML) 1 Page - Microchip Technology

  AC162051 Datasheet HTML 1Page - Microchip Technology AC162051 Datasheet HTML 2Page - Microchip Technology AC162051 Datasheet HTML 3Page - Microchip Technology AC162051 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2002 Microchip Technology Inc.
DS51291A-page 1
MPLAB® ICD HEADER (AC162051)
12
Information Sheet
Introduction
The MPLAB® ICD Header (Part Number AC162051) provides a means of
connecting the MPLAB ICD 2 Module to a target board that does not
incorporate a 6-wire modular connection into its design. The board is
designed for 40-pin devices supported by MPLAB ICD 2. Please see the
README.ID2 in the MPLAB IDE software for specific details on devices
supported.
The MPLAB ICD 2 Module connects to the MPLAB ICD Header via a 9-inch
modular cable. For in-circuit debugging, insert a 40-pin PICmicro® into the
MPLAB ICD Header, then insert the header board into a 28-pin or 40-pin DIP
socket on the target application. The 28-pin connector on the underside
allows debugging of a 28-pin device using a 40-pin device as the master (U2).
Pin connections translate a 40-pin device to the 28-pin device.
Figure 1: MPLAB ICD 2 Module Connection with Header
MPLAB ICD 2 Module
Power in
Target Application
Target Socket
MPLAB ICD Header
U2


Similar Part No. - AC162051

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC162051 MICROCHIP-AC162051 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
More results

Similar Description - AC162051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0231 STMICROELECTRONICS-UM0231 Datasheet
477Kb / 15P
User manual AD-ICD in-circuit debugging adapter
06-Sep-2006
logo
Dubilier
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 7.0MM
logo
Cypress Semiconductor
CYIH1SM1000AA-HHCS CYPRESS-CYIH1SM1000AA-HHCS Datasheet
1Mb / 71P
Detailed Specification - ICD
logo
Microchip Technology
AC162069 MICROCHIP-AC162069 Datasheet
106Kb / 1P
AC162069 - MPLAB ICD 2 Breadboard Cable
AC162049 MICROCHIP-AC162049 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
Using MPLAB ICD 3
2/10
DV243003 MICROCHIP-DV243003 Datasheet
162Kb / 16P
MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
01/02/08
XC8 MICROCHIP-XC8 Datasheet
6Mb / 606P
MPLAB짰 XC8 C Compiler
11/07/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com