Electronic Components Datasheet Search
  English  ▼

X  

RE46C166SW Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C166SW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C166SW Datasheet(HTML) 6 Page - Microchip Technology

Back Button RE46C166SW Datasheet HTML 2Page - Microchip Technology RE46C166SW Datasheet HTML 3Page - Microchip Technology RE46C166SW Datasheet HTML 4Page - Microchip Technology RE46C166SW Datasheet HTML 5Page - Microchip Technology RE46C166SW Datasheet HTML 6Page - Microchip Technology RE46C166SW Datasheet HTML 7Page - Microchip Technology RE46C166SW Datasheet HTML 8Page - Microchip Technology RE46C166SW Datasheet HTML 9Page - Microchip Technology RE46C166SW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
RE46C165/6/7/8
DS22251A-page 6
 2010 Microchip Technology Inc.
Input Leakage High
IIH1
1, 2
—
—
100
nA
VDD = 12V, VIN = VDD,
STROBE active
IIH2
3, 10,
12
——
100
nA
VDD = 12V, VIN = VDD
IHFD
10
—
—
50
µA
FEED = 22V
Input Pull Down
Current
IPD1
16
0.25
—
10
µA
VIN = VDD
IPD2
15
0.1
0.25
0.5
µA
VIN = VDD
IPDIO1
720
—
80
µA
VIN = VDD
IPDIO2
7—
—
140
µA
VIN = 15V, VDD = 12V
Output Off Leakage
Low
IOZL1
11, 13
—
—
-1
µA
Outputs off, Output = VSS
Output Off Leakage
High
IOZH1
11, 13
—
—
1
µA
Outputs off, Output = VDD
Output High Voltage
VOH1
8, 9
5.5
—
—
V
IOH = -16 mA, VDD = 6.5V
Output Low Voltage
VOL1
8, 9
—
—
1
V
IOL = 16 mA, VDD = 6.5V
VOL2
13
—
.5
—
V
IOL = 5 mA, VDD = 6.5V
VOL3
11
—
—
0.6
V
IOL = 10 mA, VDD = 6.5V
Output Current
IIOH1
7
-4
—
-16
mA
Alarm, VIO = VDD - 2V
or VIO = 0V
IIODMP
7
5
—
—
mA
At Conclusion of Local
Alarm or Test, VIO = 1V
Low Battery Voltage
VLB
5
6.9
7.2
7.5
V
Output Voltage
VSTOF
4VDD -.1
—
—
V
STROBE off, VDD = 12V,
IOUT = -1 µA
VSTON
4VDD -5.25
VDD -5
VDD -4.75
V
STROBE on, VDD = 9V,
IOUT = 100µA to 500µA
VIREDOF
6
—
—
0.1
V
IRED off, VDD = 12V,
IOUT = 1 µA
VIREDON
6
2.85
3.1
3.35
V
IRED on, VDD = 9V,
IOUT = 0 to -6 mA,
TA = +25°C
Common Mode
Voltage
VCM1
1, 2, 3
0.5
—
VDD-2
V
Local smoke, Push-to-Test
or Chamber Test, Note 2
Smoke Comparator
Reference
VREF
—VDD -3.7
VDD -3.5
VDD -3.3
V
Internal Reference, Note 2
Temperature
Coefficient
TCST
4
—
0.01
—
%/°C
STROBE output voltage,
VDD = 6V to 12V
TCIRED
6
—
0.3
—
%/°C
IRED output voltage,
VDD = 6V to 12V
Line Regulation
VSTON
4, 5
—
-50
—
dB
STROBE output (vs. VDD),
VDD = 6V to 12V
VIREDON
6, 5
—
-30
—
dB
IRED output voltage,
VDD = 6V to 12V
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to +75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Note 1:
Does not include Q3 emitter current.
2:
Not production tested.
3:
Production test at room temperature with guard banded limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com