Electronic Components Datasheet Search
  English  ▼

X  

RE46C167SW Datasheet(PDF) 27 Page - Microchip Technology

Part # RE46C167SW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167SW Datasheet(HTML) 27 Page - Microchip Technology

Back Button RE46C167SW Datasheet HTML 22Page - Microchip Technology RE46C167SW Datasheet HTML 23Page - Microchip Technology RE46C167SW Datasheet HTML 24Page - Microchip Technology RE46C167SW Datasheet HTML 25Page - Microchip Technology RE46C167SW Datasheet HTML 26Page - Microchip Technology RE46C167SW Datasheet HTML 27Page - Microchip Technology RE46C167SW Datasheet HTML 28Page - Microchip Technology RE46C167SW Datasheet HTML 29Page - Microchip Technology RE46C167SW Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 27
RE46C165/6/7/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/X
Package
Device
Device
RE46C165:
CMOS Photoelectric Smoke Detector ASIC
RE46C165T:
CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C165/7: CMOS Photoelectric Smoke Detector ASIC
RE46C165/7T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C166/8: CMOS Photoelectric Smoke Detector ASIC
RE46C166/8T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C165/6: CMOS Photoelectric Smoke Detector ASIC
RE46C165/6T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
Package
E
=
Plastic Dual In-Line, 300 mil. Body, 16-Lead (PDIP)
S
=
Small Plastic Outline - Narrow, 3.90 mm Body,
16-Lead (SOIC)
SW
=
Small Plastic Outline - Wide, 7.50 mm Body,
16-Lead (SOIC)
Examples:
a)
RE46C165E16F:
16LD PDIP Package
b)
RE46C165S16F:
16LD SOIC Package
c)
RE46C165S16TF:
16LD SOIC Package,
Tape and Reel
d)
RE46C165SW16F:
16LD SOIC Package
e)
RE46C165SW16TF:
16LD SOIC Package,
Tape and Reel
a)
RE46C166E16F:
16LD PDIP Package
b)
RE46C166S16F:
16LD SOIC Package
c)
RE46C166S16TF:
16LD SOIC Package,
Tape and Reel
d)
RE46C166SW16F:
16LD SOIC Package
e)
RE46C166SW16TF:
16LD SOIC Package,
Tape and Reel
a)
RE46C167E16F:
16LD PDIP Package
b)
RE46C167S16F:
16LD SOIC Package
c)
RE46C167S16TF:
16LD SOIC Package,
Tape and Reel
d)
RE46C167SW16F:
16LD SOIC Package
e)
RE46C167SW16TF:
16LD SOIC Package,
Tape and Reel
a)
RE46C168E16F:
16LD PDIP Package
b)
RE46C168S16F:
16LD SOIC Package
c)
RE46C168S16TF:
16LD SOIC Package,
Tape and Reel
d)
RE46C168SW16F:
16LD SOIC Package
e)
RE46C168SW16TF:
16LD SOIC Package,
Tape and Reel
XX
Number
of Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com