Electronic Components Datasheet Search
  English  ▼

X  

SMF45A Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMF45A
Description  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF45A Datasheet(HTML) 4 Page - Micro Commercial Components

  SMF45A Datasheet HTML 1Page - Micro Commercial Components SMF45A Datasheet HTML 2Page - Micro Commercial Components SMF45A Datasheet HTML 3Page - Micro Commercial Components SMF45A Datasheet HTML 4Page - Micro Commercial Components SMF45A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micro Commercial Components
MCC
TM
Revision: 3
2010/07/02
www.mccsemi.com
4 of 5
SMF5.0CA THRU SMF170CA
Electrical Characteristics
Fig. 1 - Peak Pulse Power Rating
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
0.1
1
10
0.1 µs 1.0 µs
10 µs
td - Pulse Width (s)
100 µs 1.0 ms 10 ms
Non-repetitive pulse
waveform shown in fig. 3
T A = 25 °C
0
25
50
75
100
0
75
25
50
100 125 150 175 200
TA - Ambient Temperature
0
50
100
150
TJ = 25 °C
pulse width (td) is
defined as the point
where the peak current
decays to 50 % of IPPM
Peak value
IPPM
Half value
IPPM
td
10/100 s waveform
as defined by R.E.A.
0
1
2
3
4
t - Time (ms)
tr=10 µs
I
PPM
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com