Electronic Components Datasheet Search
  English  ▼

X  

PPC5125YVN400R Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PPC5125YVN400R
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400R Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400R Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
73
Figure 38. Timing Diagram — 8-,16-, 24-, and 32-bit CODEC/I2S Master Mode
Table 40. Timing Specifications — 8-,16-, 24-, and 32-bit CODEC/I2S Slave Mode 1
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit clock cycle time
40.0
—
—
ns
A20.9
2
Clock duty cycle
—
50
—
%2
2
Bit clock cycle time.
A20.10
3
Frame sync setup time
1.0
—
—
ns
A20.11
4
Output data valid after clock edge
—
—
14.0
ns
A20.12
5
Input data setup time
1.0
—
—
ns
A20.13
6
Input data hold time
1.0
—
—
ns
A20.14
BitClk
5
3
4
3
4
(CLKPOL=0)
BitClk
(CLKPOL=1)
FrameSync
(SyncPol= 1)
TxD
Output
Output
Output
6
7
8
Output
FrameSync
(SyncPol= 0)
Output
RxD
Input
1
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com