Electronic Components Datasheet Search
  English  ▼

X  

LPC176X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC176X
Description  Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC176X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC176X Datasheet HTML 1Page - NXP Semiconductors LPC176X Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- Three I2C-bus interfaces with one supporting fast mode
plus (1 Mbit/s data rates)
- I2S interface for digital audio
}
Analog Peripherals
- 12-bit Analog-to-Digital Converter with eight channels
- 10-bit Digital-to-Analog Converter
}
Other Peripherals
- Real-Time Clock operating at < 1 uA
- Eight channel General Purpose DMA controller
- Up to 70 General Purpose I/O
- Motor control PWM and Quadrature Encoder Interface to
support three-phase motors
- Four 32-bit general purpose timers/counters
- 4 MHz internal RC oscillator trimmed to 1 % accuracy
The NXP LPC1700 series uses a low power, cost effective
Cortex-M3 core that operates at up to 120 MHz. Each device
has up to 512 KB of Flash and up to 64 KB of SRAM. The
LPC1700 series features a multi-layer AHB bus that allows
high-bandwidth peripherals such as Ethernet and USB to run
simultaneously, without impacting performance.
Cortex-M3 based microcontrollers with
Ethernet, USB, CAN and 12-bit ADC
120 MHz, 32-bit
Microcontrollers with
Cortex-M3™ core,
LPC1700 series
Key Features
}
ARM Cortex-M3 core
- Up to 120 MHz operation
- Nested Vectored Interrupt Controller for fast
deterministic interrupts
- Wakeup Interrupt Controller allows automatic wake
from any priority interrupt
- Memory Protection Unit
- Four reduced power modes: Sleep, Deep-sleep,
Power-down and Deep power-down
}
Memories
- Up to 512 KB Flash memory
- Up to 64 KB SRAM
}
Serial Peripherals
- 10/100 Ethernet MAC
- USB 2.0 full-speed device/Host/ OTG controller
with on-chip PHY
- Four UARTs with fractional baud rate generation,
RS-485. modem control I/O, and IrDA
- Two CAN 2.0B controllers
- Three SSP/SPI controllers
The LPC1700 series of low power cost-effective Cortex-M3 microcontrollers feature best-
in-class peripheral support such as Ethernet, USB 2.0 Host/OTG/Device, and CAN 2.0B.
Operating at speeds up to 120 MHz, they have up to 512 KB of FLASH, up to 64 KB of
SRAM, 12-bit A/D and 10-bit D/A converters as well as an internal RC oscillator.


Similar Part No. - LPC176X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1763 NXP-LPC1763 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1763 NXP-LPC1763 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1763 PHILIPS-LPC1763 Datasheet
918Kb / 86P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1763FBD100 NXP-LPC1763FBD100 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1763FBD100 PHILIPS-LPC1763FBD100 Datasheet
828Kb / 82P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
More results

Similar Description - LPC176X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
REV: 010705
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
logo
NXP Semiconductors
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Microchip Technology
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com