Electronic Components Datasheet Search
  English  ▼

X  

RNA51953B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RNA51953B
Description  Voltage Detecting, System Resetting IC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953B Datasheet(HTML) 4 Page - Renesas Technology Corp

  RNA51953B Datasheet HTML 1Page - Renesas Technology Corp RNA51953B Datasheet HTML 2Page - Renesas Technology Corp RNA51953B Datasheet HTML 3Page - Renesas Technology Corp RNA51953B Datasheet HTML 4Page - Renesas Technology Corp RNA51953B Datasheet HTML 5Page - Renesas Technology Corp RNA51953B Datasheet HTML 6Page - Renesas Technology Corp RNA51953B Datasheet HTML 7Page - Renesas Technology Corp RNA51953B Datasheet HTML 8Page - Renesas Technology Corp RNA51953B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RNA51953A, B
Preliminary
REJ03D0911-0402 Rev.4.02
Page 4 of 10
Apr 01, 2010
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
18
V
Output sink current
Isink
6
mA
VCC
Type A (output with constant current load)
Output voltage
VO
18
V
Type B (open collector output)
400
8-pin SOP (PRSP0008DE-C)
Power dissipation
Pd
570
mW
8-pin DIP (PRDP0008AF-B)
4.4
8-pin SOP (PRSP0008DE-C)
Thermal derating
K
8.3
mW/°C
8-pin DIP (PRDP0008AF-B)
Refer to the thermal
derating curve.
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
 “L” reset type
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Detecting voltage
VS
4.05
4.25
4.45
V
Hysteresis voltage
V
S
30
50
80
mV
Detecting voltage
temperature coefficient
VS/T
—
0.01
—
%/°C
—
450
680
Type A, VCC = 5V
Circuit current
ICC
—
420
630
A
Type B, VCC = 5V
Delay time
tpd
1.6
3.4
7.0
ms
Cd = 0.01
F *
Constant current
Ipd
–8
–5
–3
A
VCC = 5V
Output saturation
voltage
Vsat
—
0.2
0.4
V
VCC = 4V, Isink = 4mA
—
0.67
0.8
RL = 2.2k, Vsat  0.4V
Threshold operating
voltage
VOPL
—
0.55
0.7
V
RL = 100k, Vsat  0.4V
Output leakage
current
IOH
—
—
30
nA
Type B
Output load current
IOC
–40
–25
–17
A
Type A, VCC = 5V, VO = 1/2  VCC
Output high voltage
VOH
VCC–0.2
VCC–0.06
—
V
Type A
Note:
Please set the desired delay time by attaching capacitor of the range between 4700 pF and 10
F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com