Electronic Components Datasheet Search
  English  ▼

X  

RL201 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # RL201
Description  SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

RL201 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  RL201 Datasheet HTML 1Page - Zowie Technology Corporation RL201 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL201 THRU RL207
SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
* Low cost
* Low reverse leakage
* Low forward voltage drop
* High current capability
Case : JEDEC DO-204AC molded plastic
Epoxy : UL 94V-O rate flame retardant
Lead : MIL-STD-202F method 208C guaranteed
Mounting Position : Any
Weight : 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
at TA=75
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=100
o
C
Typical junction capacitance ( NOTE )
Typical thermal resistance
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
RL201
RL202
RL203
RL204
RL205
RL206
RL207
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
2.0
70
1.1
5.0
50
20
40
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Volts
Volts
Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length at TL=75
o
C
IR(AV)
30
uA
Amps
Amps
uA
pF
o
C / W
o
C
Zowie Technology Corporation
REV. : 0
DO-204AC
*Dimensions in inches and (millimeters)
R JA
NOTES : Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
0.140(3.6)
0.034(0.86)
0.028(0.71)
0.104(2.6)
DIA.
DIA.


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
logo
Bytes
RL201 BYTES-RL201 Datasheet
150Kb / 2P
2.0 AMP SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
SILICON RECTIFIER
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
SILICON RECTIFIER
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
Silicon Rectifier
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5400 JUXING-1N5400 Datasheet
5Mb / 2P
SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
Silicon Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com