Electronic Components Datasheet Search
  English  ▼

X  

2SCR514R Datasheet(PDF) 1 Page - Rohm

Part # 2SCR514R
Description  Midium Power Transistors (80V / 0.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR514R Datasheet(HTML) 1 Page - Rohm

  2SCR514R Datasheet HTML 1Page - Rohm 2SCR514R Datasheet HTML 2Page - Rohm 2SCR514R Datasheet HTML 3Page - Rohm 2SCR514R Datasheet HTML 4Page - Rohm 2SCR514R Datasheet HTML 5Page - Rohm 2SCR514R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (80V / 0.7A)
2SCR514R
 Features
 Dimensions (Unit : mm)
1) Low saturation voltage, typically
VCE (sat) = 0.3V (Max.) (IC / IB= 300mA / 15mA)
2) High speed switching
 Structure
NPN Silicon epitaxial planar transistor
 Applications
Driver
 Inner circuit
Package
TSMT3
Code
TL
Basic ordering unit (pieces)
3000
 Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
6V
DC
IC
0.7
A
Pulsed
ICP
1.4
A
PD
0.5
W
PD
1.0
W
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Mounted on a recommended land.
*3 Mounted on a 40 x 40 x 0.7[mm
3] ceramic substrate.
Power dissipation
 Packaging specifications
Collector current
Parameter
Type
*1
*2
*3
TSMT3
(1)
(2)
(3)
Abbreviated symbol : ND
(1) Base
(2) Emittrer
(3) Collector
(1)
(3)
(2)
(1) Base
(2) Emittrer
(3) Collector
1/5
2010.06 - Rev.A


Similar Part No. - 2SCR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
More results

Similar Description - 2SCR514R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR514P ROHM-2SAR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-80V / -0.7A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (80V / 700mA)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
Midium Power Transistors (80V / 2.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
Midium Power Transistors (80V / 1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
Midium Power Transistors (-80V / -0.7A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
Midium Power Transistors (80V / 1.5A)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
Midium Power Transistors (80V / 2.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com