Electronic Components Datasheet Search
  English  ▼

X  

PIC16F688-I/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F688-I/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-I/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F688-I/ML Datasheet HTML 39Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 40Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 41Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 42Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F688-I/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 41
PIC16F688
TABLE 4-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
PCON
—
—ULPWUE
SBOREN
—
—
POR
BOR
--01 --qq
--0u --uu
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
--00 0000
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--x0 x000
--x0 x000
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
WPUA
—
—WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
--11 -111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More