| Electronic Components Datasheet Search |
|
PIC16F785-E/ML Datasheet(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F785-E/ML Datasheet(HTML) 82 Page - Microchip Technology |
|
82 / 206 page ![]() PIC16F785/HV785 DS41249E-page 80 © 2008 Microchip Technology Inc. 12.1 A/D Configuration and Operation There are four registers available to control the functionality of the A/D module: 1. ANSEL0 (Register 12-1) 2. ANSEL1 (Register 12-2) 3. ADCON0 (Register 12-3) 4. ADCON1 (Register 12-4) 12.1.1 ANALOG PORT PINS The ANS<11:0> bits, of the ANSEL1 and ANSEL0 Registers, and the TRISA<4,2:0>, TRISB<5:4> and TRISC<7:6,3:0>> bits control the operation of the A/D port pins. Set the corresponding TRISx bits to ‘1’ to set the pin output driver to its high-impedance state. Like- wise, set the corresponding ANSx bit to disable the dig- ital input buffer. 12.1.2 CHANNEL SELECTION There are fourteen analog channels on the PIC16F785/ HV785. The CHS<3:0> bits of the ADCON0 Register control which channel is connected to the sample and hold circuit. 12.1.3 VOLTAGE REFERENCE There are two options for the voltage reference to the A/D converter: either VDD is used or an analog voltage applied to VREF is used. The VCFG bit of the ADCON0 Register controls the voltage reference selection. If VCFG is set, then the voltage on the VREF pin is the ref- erence; otherwise, VDD is the reference. 12.1.4 CONVERSION CLOCK The A/D conversion cycle requires 11 TAD. The source of the conversion clock is software selectable via the ADCS bits of the ADCON1 Register. There are seven possible clock options: •FOSC/2 •FOSC/4 •FOSC/8 •FOSC/16 •FOSC/32 •FOSC/64 •FRC (dedicated internal oscillator) For correct conversion, the A/D conversion clock (1/TAD) must be selected to ensure a minimum TAD of 1.6 μs. Table 12-1 shows a few TAD calculations for selected frequencies. TABLE 12-1: TAD VS. DEVICE OPERATING FREQUENCIES Note: Analog voltages on any pin that is defined as a digital input may cause the input buffer to conduct excess current. A/D Clock Source (TAD) Device Frequency Operation ADCS2:ADCS0 20 MHz 5 MHz 4 MHz 1.25 MHz 2 TOSC 000 100 ns(2) 400 ns(2) 500 ns(2) 1.6 μs 4 TOSC 100 200 ns(2) 800 ns(2) 1.0 μs(2) 3.2 μs 8 TOSC 001 400 ns(2) 1.6 μs2.0 μs6.4 μs 16 TOSC 101 800 ns(2) 3.2 μs4.0 μs 12.8 μs(3) 32 TOSC 010 1.6 μs6.4 μs 8.0 μs(3) 25.6 μs(3) 64 TOSC 110 3.2 μs 12.8 μs(3) 16.0 μs(3) 51.2 μs(3) A/D RC x11 2-6 μs(1), (4) 2-6 μs(1), (4) 2-6 μs(1), (4) 2-6 μs(1), (4) Legend: Shaded cells are outside of recommended range. Note 1: The A/D RC source has a typical TAD time of 4 μs for VDD > 3.0V. 2: These values violate the minimum required TAD time. 3: For faster conversion times, the selection of another clock source is recommended. 4: When the device frequency is greater than 1 MHz, the A/D RC clock source is only recommended if the conversion will be performed during Sleep. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |