Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-E/P Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F785-E/P
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-E/P Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F785-E/P Datasheet HTML 75Page - Microchip Technology PIC16F785-E/P Datasheet HTML 76Page - Microchip Technology PIC16F785-E/P Datasheet HTML 77Page - Microchip Technology PIC16F785-E/P Datasheet HTML 78Page - Microchip Technology PIC16F785-E/P Datasheet HTML 79Page - Microchip Technology PIC16F785-E/P Datasheet HTML 80Page - Microchip Technology PIC16F785-E/P Datasheet HTML 81Page - Microchip Technology PIC16F785-E/P Datasheet HTML 82Page - Microchip Technology PIC16F785-E/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 206 page
background image
© 2008 Microchip Technology Inc.
DS41249E-page 77
PIC16F785/HV785
11.3
Effects of a Reset
A device Reset forces all registers to their Reset state.
This disables both op amps.
11.4
OPA Module Performance
Common AC and DC performance specifications for
the OPA module:
• Common Mode Voltage Range
• Leakage Current
• Input Offset Voltage
• Open Loop Gain
• Gain Bandwidth Product (GBWP)
Common mode voltage range is the specified voltage
range for the OPA+ and OPA- inputs, for which the OPA
module will perform to within its specifications. The
OPA module is designed to operate with input voltages
between 0 and VDD-1.4V. Behavior for common mode
voltages greater than VDD-1.4V, or below 0V, are
beyond the normal operating range.
Leakage current is a measure of the small source or
sink currents on the OPA+ and OPA- inputs. To mini-
mize the effect of leakage currents, the effective imped-
ances connected to the OPA+ and OPA- inputs should
be kept as small as possible and equal.
Input offset voltage is a measure of the voltage differ-
ence between the OPA+ and OPA- inputs in a closed
loop circuit with the OPA in its linear region. The offset
voltage will appear as a DC offset in the output equal to
the input offset voltage, multiplied by the gain of the
circuit. The input offset voltage is also affected by the
common mode voltage.
Open loop gain is the ratio of the output voltage to the
differential input voltage, (OPA+) - (OPA-). The gain is
greatest at DC and falls off with frequency.
Gain Bandwidth Product or GBWP is the frequency
at which the open loop gain falls off to 0 dB.
11.5
Effects of Sleep
When enabled, the op amps continue to operate and
consume current while the processor is in Sleep mode.
TABLE 11-1:
REGISTERS ASSOCIATED WITH THE OPA MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
ANSEL0
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSEL1
—
—
—
—
ANS11
ANS10
ANS9
ANS8
---- 1111
---- 1111
OPA1CON
OPAON
—
—
—
—
—
—
—
0--- ----
0--- ----
OPA2CON
OPAON
—
—
—
—
—
—
—
0--- ----
0--- ----
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for the OPA module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com