Electronic Components Datasheet Search
  English  ▼

X  

BA8522RF Datasheet(PDF) 1 Page - Rohm

Part # BA8522RF
Description  LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF Datasheet(HTML) 1 Page - Rohm

  BA8522RF Datasheet HTML 1Page - Rohm BA8522RF Datasheet HTML 2Page - Rohm BA8522RF Datasheet HTML 3Page - Rohm BA8522RF Datasheet HTML 4Page - Rohm BA8522RF Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
STRUCTURE
SILICON MONOLITHIC INTEGRATED CIRCUIT
FUNCTION
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
PRODUCT SERIES
BA8522RF
BA8522RFV
BA8522RFVM
FEATURES
・Operating temperature range(-40[℃]~+105[℃])
・Slew Rate(3.0[V/us] typ.)
・High output current(Io=50[mA] typ.)
・Low input offset voltage(1.5[mV] max.)
○ABSOLUTE MAXIMUM RATINGS(Ta=25[℃])
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
BA8522RF
780(*1)(*4)
mW
BA8522RFV
690(*2)(*4)
BA8522RFVM
590(*3)(*4)
Differential Input Voltage (*5)
Vid
36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~VEE+36
V
Operating Temperature
Topr
-40~+105
℃
Storage Temperature Range
Tstg
-55~+150
℃
Maximum junction Temperature
Tjmax
150
℃
・This IC is not designed for protection against radioactive rays.
(*1) To use at temperature above Ta=25[℃] reduce 6.24[mW]/[℃].
(*2) To use at temperature above Ta=25[℃] reduce 5.52[mW]/[℃].
(*3) To use at temperature above Ta=25[℃] reduce 4.72[mW]/[℃].
(*4) Mounted on a glass epoxy PCB(70[mm]×70[mm]×1.6[mm]).
(*5) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
○OPERATING CONDITION(Ta=-40[℃]~+105[℃])
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
+4.0~+32.0 (Single Supply)
V
±2.0~±16.0 (Split Supply)
Status of this document
The Japanese version of this document is the formal specification.
A customer may use this translation version only for a reference to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority.
Application example
・ROHM cannot provide adequate confirmation of patents.
・The product described in this specification is designed to be used with ordinary electronic equipment or devices (such as audio-visual
equipment, office-automation equipment, communications devices, electrical appliances, and electronic toys).
Should you intend to use this product with equipment or devices which require an extremely high level of reliability and the malfunction
of which would directly endanger human life (such as medical Instruments, transportation equipment, aerospace machinery, nuclear-reactor
controllers, fuel controllers and other safety devices),please be sure to consult with our sales representative in advance.
・ROHM assumes no responsibility for use of any circuits described herein, conveys no license under any patent or other right, and makes
no representations that the circuits are free from patent infringement.


Similar Part No. - BA8522RF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
1Mb / 49P
Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
952Kb / 50P
Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
1Mb / 51P
Low Noise Operational Amplifiers
More results

Similar Description - BA8522RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
UA714C TI-UA714C Datasheet
202Kb / 4P
ULTRA-LOW-OFFSET-COLTAGE OPERATIONAL AMPLIFIERS
TL05XA TI-TL05XA Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Texas Instruments
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com