Electronic Components Datasheet Search
  English  ▼

X  

16F648 Datasheet(PDF) 111 Page - Microchip Technology

Part # 16F648
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F648 Datasheet(HTML) 111 Page - Microchip Technology

Back Button 16F648 Datasheet HTML 107Page - Microchip Technology 16F648 Datasheet HTML 108Page - Microchip Technology 16F648 Datasheet HTML 109Page - Microchip Technology 16F648 Datasheet HTML 110Page - Microchip Technology 16F648 Datasheet HTML 111Page - Microchip Technology 16F648 Datasheet HTML 112Page - Microchip Technology 16F648 Datasheet HTML 113Page - Microchip Technology 16F648 Datasheet HTML 114Page - Microchip Technology 16F648 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 111
PIC16F627A/628A/648A
TABLE 14-8:
SUMMARY OF INTERRUPT REGISTERS
14.6
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W register and
Status register). This must be implemented in software.
Example 14-1 stores and restores the Status and W
registers. The user register, W_TEMP, must be defined
in a common memory location (i.e., W_TEMP is
defined at 0x70 in Bank 0 and is therefore, accessible
at 0xF0, 0x170 and 0x1F0). The Example 14-1:
• Stores the W register
• Stores the Status register
• Executes the ISR code
• Restores the Status (and bank select bit register)
• Restores the W register
EXAMPLE 14-1:
SAVING THE STATUS
AND W REGISTERS IN
RAM
14.7
Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC
oscillator which does not require any external
components. This RC oscillator is separate from the
RC oscillator of the CLKIN pin. That means that the
WDT will run, even if the clock on the OSC1 and OSC2
pins of the device has been stopped, for example, by
execution of a SLEEP instruction. During normal
operation, a WDT time out generates a device Reset. If
the device is in Sleep mode, a WDT time out causes
the device to wake-up and continue with normal
operation. The WDT can be permanently disabled by
programming the configuration bit WDTE as clear
(Section 14.1 “Configuration Bits”).
14.7.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no prescaler). The time-out periods vary with
temperature, VDD and process variations from part to
part (see DC Specifications, Table 17-7). If longer time-
out periods are desired, a postscaler with a division ratio
of up to 1:128 can be assigned to the WDT under
software control by writing to the OPTION register. Thus,
time-out periods up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the Status register will be cleared upon a
Watchdog Timer time out.
14.7.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken in account that under worst case
conditions (VDD = Min., Temperature = Max., max.
WDT prescaler) it may take several seconds before a
WDT time out occurs.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
Resets(1)
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF TMR2IF TMR1IF
0000 -000
0000 -000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE TMR2IE TMR1IE 0000 -000
0000 -000
Note
1:
Other (non Power-up) Resets include MCLR Reset, Brown-out Reset and Watchdog Timer Reset during normal
operation.
MOVWF
W_TEMP
;copy W to temp register,
;could be in any bank
SWAPF
STATUS,W
;swap status to be saved
;into W
BCF
STATUS,RP0 ;change to bank 0
;regardless of current
;bank
MOVWF
STATUS_TEMP ;save status to bank 0
;register
:
:(ISR)
:
SWAPF
STATUS_TEMP,W;swap STATUS_TEMP
register
;into W, sets bank to
original
;state
MOVWF
STATUS
;move W into STATUS
;register
SWAPF
W_TEMP,F
;swap W_TEMP
SWAPF
W_TEMP,W
;swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com