Electronic Components Datasheet Search
  English  ▼

X  

16F648 Datasheet(PDF) 125 Page - Microchip Technology

Part # 16F648
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F648 Datasheet(HTML) 125 Page - Microchip Technology

Back Button 16F648 Datasheet HTML 121Page - Microchip Technology 16F648 Datasheet HTML 122Page - Microchip Technology 16F648 Datasheet HTML 123Page - Microchip Technology 16F648 Datasheet HTML 124Page - Microchip Technology 16F648 Datasheet HTML 125Page - Microchip Technology 16F648 Datasheet HTML 126Page - Microchip Technology 16F648 Datasheet HTML 127Page - Microchip Technology 16F648 Datasheet HTML 128Page - Microchip Technology 16F648 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 125
PIC16F627A/628A/648A
IORLW
Inclusive OR Literal with W
Syntax:
[ label ] IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .OR. k
→ (W)
Status Affected:
Z
Encoding:
11
1000
kkkk
kkkk
Description:
The contents of the W register is
OR’ed with the eight-bit literal
‘k’. The result is placed in the W
register.
Words:
1
Cycles:
1
Example
IORLW
0x35
Before Instruction
W = 0x9A
After Instruction
W= 0xBF
Z= 0
IORWF
Inclusive OR W with f
Syntax:
[ label ] IORWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
00
0100
dfff
ffff
Description:
Inclusive OR the W register with
register ‘f’. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’
is ‘1’, the result is placed back in
register ‘f’.
Words:
1
Cycles:
1
Example
IORWF
REG1, 0
Before Instruction
REG1 = 0x13
W= 0x91
After Instruction
REG1 = 0x13
W= 0x93
Z= 1
MOVLW
Move Literal to W
Syntax:
[ label ] MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
11
00xx
kkkk
kkkk
Description:
The eight bit literal ‘k’ is loaded
into W register. The “don’t
cares” will assemble as ‘0’s.
Words:
1
Cycles:
1
Example
MOVLW
0x5A
After Instruction
W = 0x5A
MOVF
Move f
Syntax:
[ label ] MOVF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1000
dfff
ffff
Description:
The contents of register ‘f’ is
moved to a destination
dependent upon the status of
‘d’. If d = 0, destination is W
register. If d = 1, the destination
is file register f itself. d = 1 is
useful to test a file register since
status flag Z is affected.
Words:
1
Cycles:
1
Example
MOVF
REG1, 0
After Instruction
W= value in REG1 register
Z= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com