Electronic Components Datasheet Search
  English  ▼

X  

16F648 Datasheet(PDF) 141 Page - Microchip Technology

Part # 16F648
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F648 Datasheet(HTML) 141 Page - Microchip Technology

Back Button 16F648 Datasheet HTML 137Page - Microchip Technology 16F648 Datasheet HTML 138Page - Microchip Technology 16F648 Datasheet HTML 139Page - Microchip Technology 16F648 Datasheet HTML 140Page - Microchip Technology 16F648 Datasheet HTML 141Page - Microchip Technology 16F648 Datasheet HTML 142Page - Microchip Technology 16F648 Datasheet HTML 143Page - Microchip Technology 16F648 Datasheet HTML 144Page - Microchip Technology 16F648 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 141
PIC16F627A/628A/648A
TABLE 17-1:
DC Characteristics: PIC16F627A/628A/648A (Industrial, Extended)
PIC16LF627A/628A/648A (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial and
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC specification
Table 17-2 and Table 17-3
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D120
D120A
D121
D122
D123
D124
ED
ED
VDRW
TDEW
TRETD
TREF
Endurance
Endurance
VDD for read/write
Erase/Write cycle time
Characteristic Retention
Number of Total Erase/Write
Cycles before Refresh(1)
100K
10K
VMIN
—
40
1M
1M
100K
—
4
—
10M
—
5.5
8*
—
—
E/W
E/W
V
ms
Year
E/W
-40
°C ≤ TA ≤ 85°C
85°C
≤ TA ≤ 125°C
VMIN = Minimum operating
voltage
Provided no other
specifications are violated
-40
°C to +85°C
Program Flash Memory
D130
D130A
D131
D132
D132A
D133
D133A
D134
EP
EP
VPR
VIE
VPEW
TIE
TPEW
TRETP
Endurance
Endurance
VDD for read
VDD for Block erase
VDD for write
Block Erase cycle time
Write cycle time
Characteristic Retention
10K
1000
VMIN
4.5
VMIN
—
—
40
100K
10K
—
—
—
4
2
—
—
—
5.5
5.5
5.5
8*
4*
—
E/W
E/W
V
V
V
ms
ms
year
-40
°C ≤ TA ≤ 85°C
85°C
≤ TA ≤ 125°C
VMIN = Minimum operating
voltage
VMIN = Minimum operating
voltage
VDD > 4.5V
Provided no other
specifications are violated
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Refer to Section 13.7 “Using the Data EEPROM” for a more detailed discussion on data EEPROM
endurance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com