Electronic Components Datasheet Search
  English  ▼

X  

16F648 Datasheet(PDF) 152 Page - Microchip Technology

Part # 16F648
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F648 Datasheet(HTML) 152 Page - Microchip Technology

Back Button 16F648 Datasheet HTML 148Page - Microchip Technology 16F648 Datasheet HTML 149Page - Microchip Technology 16F648 Datasheet HTML 150Page - Microchip Technology 16F648 Datasheet HTML 151Page - Microchip Technology 16F648 Datasheet HTML 152Page - Microchip Technology 16F648 Datasheet HTML 153Page - Microchip Technology 16F648 Datasheet HTML 154Page - Microchip Technology 16F648 Datasheet HTML 155Page - Microchip Technology 16F648 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 152
© 2009 Microchip Technology Inc.
FIGURE 18-2:
TYPICAL BASELINE IPD vs. VDD (85
°C)
FIGURE 18-3:
TYPICAL BASELINE CURRENT IPD vs. VDD (125
°C)
100
120
140
160
180
200
220
240
260
280
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (Volts)
+85°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (Volts)
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com