Electronic Components Datasheet Search
  English  ▼

X  

SS34 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SS34
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SS34 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SS34 Datasheet HTML 1Page - Zowie Technology Corporation SS34 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32 THRU SS36
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts
Forward Current - 3.0 Amperes
FEATURES
Case : JEDEC DO-214AA molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750D
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.003 ounes , 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
(SEE FIG.1) (NOTE 2)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0 A (NOTE 1)
Maximum DC reverse current
at rated DC blocking voltage (NOTE 1)
TA=25
o
C
Typical thermal resistance (NOTE 2)
Storage temperature range
SYMBOLS
VRRM
I(AV)
IFSM
VF
IR
TSTG
SS32
SS33
SS34
SS35
SS36
20
30
40
50
60
3.0
100
0.50
0.75
0.5
20
10
55
17
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
14
21
28
35
42
Volts
Maximum DC blocking voltage
VDC
20
30
40
50
60
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
Operating junction temperature range
TJ
-55 to +125
-55 to +150
o
C
NOTES : (1) Pulse test : 300us pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.55 x 0.55" ( 14 x 14mm ) copper pad areas
Zowie Technology Corporation
REV. : 0
SMB / DO-214AA
*Dimensions in inches and (millimeters)
R JA
R JL
TA=100
o
C
0.150(3.80)
0.130(3.30)
0.102(2.60)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.016(0.40)
0.006(0.15)
0.187(4.75)
0.167(4.24)
0.083(2.12)
0.077(1.95)
0.236(6.00)
0.197(5.00)
MECHANICAL DATA
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mount applications
* Low profile package
* Built-in strain relief
* Metal sillicon junction, majority carrier conduction
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
* Guardring for overvoltage protection
* High temperature soldering guaranteed :
260
o
C/10 seconds, at terminals


Similar Part No. - SS34

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS34 SSE-SS34 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS34 FAIRCHILD-SS34 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS34 GE-SS34 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS34 MCC-SS34 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
logo
Continental Device Indi...
SS34 CDIL-SS34 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS34

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com