| Electronic Components Datasheet Search |
|
PIC16F57T-E/SSG Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F57T-E/SSG Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 88 page ![]() © 2007 Microchip Technology Inc. DS41213D-page 11 PIC16F5X TABLE 2-3: PIC16F59 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0 RA0 TTL CMOS Bidirectional I/O pin RA1 RA1 TTL CMOS Bidirectional I/O pin RA2 RA2 TTL CMOS Bidirectional I/O pin RA3 RA3 TTL CMOS Bidirectional I/O pin RB0 RB0 TTL CMOS Bidirectional I/O pin RB1 RB1 TTL CMOS Bidirectional I/O pin RB2 RB2 TTL CMOS Bidirectional I/O pin RB3 RB3 TTL CMOS Bidirectional I/O pin RB4 RB4 TTL CMOS Bidirectional I/O pin RB5 RB5 TTL CMOS Bidirectional I/O pin RB6/ICSPCLK RB6 TTL CMOS Bidirectional I/O pin ICSPCLK ST — Serial programming clock RB7/ICSPDAT RB7 TTL CMOS Bidirectional I/O pin ICSPDAT ST CMOS Serial programming I/O RC0 RC0 TTL CMOS Bidirectional I/O pin RC1 RC1 TTL CMOS Bidirectional I/O pin RC2 RC2 TTL CMOS Bidirectional I/O pin RC3 RC3 TTL CMOS Bidirectional I/O pin RC4 RC4 TTL CMOS Bidirectional I/O pin RC5 RC5 TTL CMOS Bidirectional I/O pin RC6 RC6 TTL CMOS Bidirectional I/O pin RC7 RC7 TTL CMOS Bidirectional I/O pin RD0 RD0 TTL CMOS Bidirectional I/O pin RD1 RD1 TTL CMOS Bidirectional I/O pin RD2 RD2 TTL CMOS Bidirectional I/O pin RD3 RD3 TTL CMOS Bidirectional I/O pin RD4 RD4 TTL CMOS Bidirectional I/O pin RD5 RD5 TTL CMOS Bidirectional I/O pin RD6 RD6 TTL CMOS Bidirectional I/O pin RD7 RD7 TTL CMOS Bidirectional I/O pin RE4 RE4 TTL CMOS Bidirectional I/O pin RE5 RE5 TTL CMOS Bidirectional I/O pin RE6 RE6 TTL CMOS Bidirectional I/O pin RE7 RE7 TTL CMOS Bidirectional I/O pin T0CKI T0CKI ST — Clock input to Timer0. Must be tied to VSS or VDD, if not in use, to reduce current consumption. MCLR/VPP MCLR ST — Active-low Reset to device. Voltage on the MCLR/VPP pin must not exceed VDD to avoid unintended entering of Programming mode. VPP HV — Programming voltage input OSC1/CLKIN OSC1 XTAL — Oscillator crystal input CLKIN ST — External clock source input OSC2/CLKOUT OSC2 — XTAL Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. CLKOUT — CMOS In RC mode, OSC2 pin outputs CLKOUT, which has 1/4 the frequency of OSC1. VDD VDD Power — Positive supply for logic and I/O pins VSS VSS Power — Ground reference for logic and I/O pins Legend: I = input I/O = input/output CMOS = CMOS output O = output — = Not Used XTAL = Crystal input/output ST = Schmitt Trigger input TTL = TTL input HV = High Voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |