Electronic Components Datasheet Search
  English  ▼

X  

IR3870MBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 5Page - International Rectifier IR3870MBF Datasheet HTML 6Page - International Rectifier IR3870MBF Datasheet HTML 7Page - International Rectifier IR3870MBF Datasheet HTML 8Page - International Rectifier IR3870MBF Datasheet HTML 9Page - International Rectifier IR3870MBF Datasheet HTML 10Page - International Rectifier IR3870MBF Datasheet HTML 11Page - International Rectifier IR3870MBF Datasheet HTML 12Page - International Rectifier IR3870MBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
IR3870MBF
TYPICAL OPERATING WAVEFORM (25oC)
(Circuit of Figure 15, VCC = 3.3V, V5 = 5V, V
IN = 12.6V, F = 500kHz, Unless otherwise noted)
CH1: Vout (500mV/div); 500uS/div
CH2: PHASE (10V/div)
CH3: EN (2V/div) CH4: PGOOD (5V/div)
Figure 9: Shutdown/EN at I
OUT = 500mA
CH1: Vout (50mV/div); 20uS/div
CH2: Phase (10V/div)
Figure 10: Load Step (2A to 10A) Transient
(5A/us) at 12.6V
IN: 50mV overshoot, 25mV
undershoot
CH1: Vout (50mV/div); 20uS/div
CH2: PHASE (10V/div)
Figure 11: FCCM/CCM transition from 0.5A
to 5A at 12.6V
IN: 30mV overshoot, 15mV
undershoot
CH1: Vout (50mV/div); CH2: Phase (10V/div) CH4:
CPO (2V/div); Time: 2uS/div)
Figure 12: Charge Pump Off at I
OUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com