Electronic Components Datasheet Search
  English  ▼

X  

INT201 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # INT201
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  INT201 Datasheet HTML 1Page - Power Integrations, Inc. INT201 Datasheet HTML 2Page - Power Integrations, Inc. INT201 Datasheet HTML 3Page - Power Integrations, Inc. INT201 Datasheet HTML 4Page - Power Integrations, Inc. INT201 Datasheet HTML 5Page - Power Integrations, Inc. INT201 Datasheet HTML 6Page - Power Integrations, Inc. INT201 Datasheet HTML 7Page - Power Integrations, Inc. INT201 Datasheet HTML 8Page - Power Integrations, Inc. INT201 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
F
2/96
INT201
5
Input Current
Threshold
Output Voltage,
High
Output Voltage,
Low
Output Short
Circuit Current
Turn-on
Delay Time
Rise
Time
Turn-off
Delay Time
Fall
Time
I
HSD1, IHSD2
V
OH
V
OL
I
OS
t
d(on)
t
r
t
d(off)
t
f
I
o= -20 mA
I
o= 40 mA
V
O= 0 V
See Note 1
V
O= VDDH
See Figure 7
See Figure 7
See Figure 7
See Figure 7
mA
V
V
mA
µs
ns
ns
ns
-5
-2.5
V
DDH-1.0 VDDH-0.5
0.3
1.0
-150
300
1.0
1.5
80
120
420
600
50
100
HSD INPUTS
HS OUT
ABSOLUTE MAXIMUM RATINGS1
V
DDH Voltage ............................................................ 16.5 V
Logic Input Voltage ................................... -0.3 V to 5.5 V
HS OUT Voltage ............................ -0.3 V to V
DDH + 0.3 V
Storage Temperature ..................................... –65 to 125
°C
Ambient Temperature ...................................... -40 to 85
°C
Junction Temperature. .............................................. 150
°C
Lead Temperature(2). ................................................ 260
°C
Power Dissipation
PF Suffix (T
A = 25˚C)
.......................................... 1.25 W
PF Suffix (T
A = 70˚C)
........................................ 800 mW
TF Suffix (T
A = 25˚C)
.......................................... 1.04 W
TF Suffix (T
A = 70˚C)
........................................ 667 mW
Thermal Impedance (
θ
JA)
PF Suffix ............................................................. 100
°C/W
TF Suffix ............................................................. 120
°C/W
1. Unless noted, all voltages referenced to SOURCE,
T
A = 25˚C
2. 1/16" from case for 5 seconds.
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DDH= 15 V, SOURCE = 0V
T
A = -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com