Electronic Components Datasheet Search
  English  ▼

X  

INT202PFI2 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # INT202PFI2
Description  Low-side Drive and High-side Control for Simultaneous Conduction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT202PFI2 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button INT202PFI2 Datasheet HTML 4Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 5Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 6Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 7Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 8Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 9Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 10Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 11Page - Power Integrations, Inc. INT202PFI2 Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
F
2/96
INT202
9
9
PI-1842-050196
5
8
4
1
A
H
G
F
B
E
L
K
J
0 – 15 °
D
C
Dim.
inches
mm
A
.395 MAX
10.03 MAX
B
.090-.110
2.29-2.79
C
.015-.021
0.38-0.53
D
.040 TYP
1.02 TYP
E
.015-.030
0.38-0.76
F
.125 MIN
3.18 MIN
G
.015 MIN
0.38 MIN
H
.125-.135
3.18-3.43
J
.300-.320
7.62-8.13
K
.245-.255
6.22-6.48
L
.009-.015
0.23-0.38
(4)
(3)
(3)
Notes:
1. Package dimensions conform to JEDEC
specification MS-001-AB for standard dual in-
line (DIP) package .300 inch row spacing
(PLASTIC) 8 leads (issue B, 7/85).
2. Controlling dimensions: inches.
3. Dimensions are for the molded body and do
not include mold flash or other protrusions.
Mold flash or protrusions shall not exceed .010
inch (.25 mm) on any side.
4. These dimensions measured with the leads
constrained to be perpendicular to package
bottom.
5. Pin 1 orientation identified by end notch or
dot adjacent to Pin 1.
Note 5
P08A
Plastic DIP-8
PI-1845-050196
1
A
H
C
D
4
B
F
0-8˚ TYP.
J
K
85
E
G
DIM
A
B
C
D
E
F
G
H
J
K
inches
0.189-0.197
0.050 TYP
0.014-0.019
0.012 TYP
0.053-0.069
0.004-0.010
0.228-0.244
0.007-0.010
0.021-0.045
0.150-0.157
mm
4.80-5.00
1.27 TYP
0.35-0.49
0.31 TYP
1.35-1.75
0.10-0.25
5.80-6.20
0.19-0.25
0.51-1.14
3.80-4.00
Notes:
1. Package dimensions conform to JEDEC
specification MS-012-AA for standard small
outline (SO) package, 8 leads, 3.75 mm
(.150 inch) body width (issue A, June 1985).
2. Controlling dimensions are in mm.
3. Dimensions are for the molded body
and do not include mold flash or
protrusions. Mold flash or protrusions
shall not exceed .15 mm (.006 inch) on any
side.
4. Pin 1 side identified edge by chamfer on
top of the package body or indent on Pin 1
end.
(3)
(3)
T08A
Plastic SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com