Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 2Page - Texas Instruments DLPC200 Datasheet HTML 3Page - Texas Instruments DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments DLPC200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE(1)
SYSTEM
NAME
NO.
Port 1 Video Data & Control(2)
PORT1_CLK
J2
Pixel clock
PORT1_VSYNC
N3
PORT1_CLK
Vertical Sync; weak pull-up applied
PORT1_HSYNC
P1
PORT1_CLK
Horizontal Sync; weak pull-up applied
PORT1_IVALID
P2
PORT1_CLK
Data Valid
PORT1_D0
D2
PORT1_CLK
Pixel Data - Blue 0
PORT1_D1
D3
PORT1_CLK
Pixel Data - Blue 1
PORT1_D2
F5
PORT1_CLK
Pixel Data - Blue 2
PORT1_D3
D1
PORT1_CLK
Pixel Data - Blue 3
PORT1_D4
F3
PORT1_CLK
Pixel Data - Blue 4
PORT1_D5
G4
PORT1_CLK
Pixel Data - Blue 5
PORT1_D6
F1
PORT1_CLK
Pixel Data - Blue 6
PORT1_D7
G3
PORT1_CLK
Pixel Data - Blue 7
PORT1_D8
H5
PORT1_CLK
Pixel Data – Green 0
PORT1_D9
H4
PORT1_CLK
Pixel Data – Green 1
I3
PORT1_D10
G3
PORT1_CLK
Pixel Data – Green 2
PORT1_D11
J4
PORT1_CLK
Pixel Data – Green 3
PORT1_D12
H3
PORT1_CLK
Pixel Data – Green 4
PORT1_D13
J3
PORT1_CLK
Pixel Data – Green 5
PORT1_D14
K3
PORT1_CLK
Pixel Data – Green 6
PORT1_D15
L1
PORT1_CLK
Pixel Data – Green 7
PORT1_D16
L3
PORT1_CLK
Pixel Data - Red 0
PORT1_D17
L4
PORT1_CLK
Pixel Data - Red 1
PORT1_D18
M4
PORT1_CLK
Pixel Data - Red 2
PORT1_D19
K1
PORT1_CLK
Pixel Data - Red 3
PORT1_D20
M1
PORT1_CLK
Pixel Data - Red 4
PORT1_D21
K2
PORT1_CLK
Pixel Data - Red 5
PORT1_D22
M2
PORT1_CLK
Pixel Data - Red 6
PORT1_D23
M3
PORT1_CLK
Pixel Data - Red 7
PORT1_HPD
E15
B2
HDMI HOTPLUG DETECT.
PORT1_SYNCDET
J22
HDMI Input Sync Detect.
(1)
See IO Characteristics for more detail.
(2)
24-bit data is mapped according to RGB888 pixel format. See Figure 2.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com