Electronic Components Datasheet Search
  English  ▼

X  

INA216 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 4 Page - Texas Instruments

  INA216 Datasheet HTML 1Page - Texas Instruments INA216 Datasheet HTML 2Page - Texas Instruments INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
INA216
SBOS503B – JUNE 2010 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C and VCM = VIN+= 4.2V, unless otherwise noted.
INA216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Offset Voltage, RTI(1)
VOS
INA216A1
±30
±100
mV
vs Temperature
dVOS/dT
0.06
0.2
mV/°C
INA216A2
±20
±75
mV
vs Temperature
dVOS/dT
0.05
0.25
mV/°C
INA216A3
±20
±75
mV
vs Temperature
dVOS/dT
0.03
0.25
mV/°C
INA216A4
±20
±75
mV
vs Temperature
dVOS/dT
0.1
0.3
mV/°C
Common-Mode Input Range
VCM
1.8
5.5
V
Common-Mode Rejection(2)
CMRR
VIN+ = +1.8V to +5.5V
90
108
dB
Power-Supply Rejection
PSRR
90
108
dB
Input Bias Current
IIN–
3
mA
OUTPUT
Gain
G
INA216A1
25
V/V
INA216A2
50
V/V
INA216A3
100
V/V
INA216A4
200
V/V
Gain Error
INA216A1
VOUT = 0.2V to VOUT = 2.5V
±0.01
±0.2
%
vs Temperature
VOUT = 0.2V to VOUT = 2.5V
0.01
0.025
m%/°C
INA216A2
0.05
±0.2
%
vs Temperature
0.017
0.1
m%/°C
INA216A3
0.06
±0.2
%
vs Temperature
0.023
0.1
m%/°C
INA216A4
0.03
±0.2
%
vs Temperature
0.076
0.3
m%/°C
Nonlinearity Error
±0.01
%
Maximum Capacitive Load
No sustained oscillation
750
pF
VOLTAGE OUTPUT(3)
RL = 10kΩ to GND
Swing to V+ Power-Supply Rail
(V+) –0.1
(V+) –0.3
V
Swing to GND(3)
(VGND) +0.001
(VGND) +0.002
V
Output Impedance
42
Ω
FREQUENCY RESPONSE
Bandwidth
BW
CLOAD = 10pF
INA216A1
20
kHz
INA216A2
10
kHz
INA216A3
5
kHz
INA216A4
2.5
kHz
(1)
RTI: Referred-to-input.
(2)
CMRR and PSRR are the same because VCM is the supply voltage.
(3)
See Typical Characteristics graph, Output Swing to Rail (Figure 9).
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com